Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX29LA321MH Datasheet(Hoja de datos) 3 Page - Macronix International

No. de Pieza. MX29LA321MH
Descripción  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

 
 3 page
background image
3
P/N:PM1145
REV. 1.0, FEB. 27, 2006
MX29LA321M H/L
PIN CONFIGURATION
56 TSOP
64 CSP
NC
CE1
A21
A20
A19
A18
A17
A16
VDD
A15
A14
A13
A12
CE0
WP#/ACC
RESET#
A11
A10
A9
A8
VSS
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
WE#
OE#
RY/BY#
Q15
Q7
Q14
Q6
VSS
S13
Q5
Q12
Q4
VCC
GND
Q11
Q3
Q10
Q2
VDD
Q9
Q1
Q8
Q0
A0
BYTE#
NC
CE2
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
12
3
4
5
6
7
8
A1
A
B
C
D
E
F
G
H
A6
A8
WP#/
ACC
A13
VCC
A18
NC
A2
GND
A9
CE0
A14
NC
A19
CE1
A3
A7
A10
A12
A15
NC
A20
A21
A4
A5
A11
RES-
ET#
NC
NC
A16
A17
Q8
Q1
Q9
Q3
Q4
NC
Q15
RY/
BY#
BYTE#
Q0
Q10
Q11
Q12
NC
NC
OE#
NC
A0
Q2
VCC
Q5
Q6
Q14
WE#
CE2
NC
VDD
GND
Q13
GND
Q7
NC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA129MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV64XMH64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV128MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0404M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0818M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl