Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29LV320MH Datasheet(PDF) 31 Page - Macronix International

No. de pieza MX29LV320MH
Descripción Electrónicos  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320MH Datasheet(HTML) 31 Page - Macronix International

Back Button MX29LV320MH Datasheet HTML 27Page - Macronix International MX29LV320MH Datasheet HTML 28Page - Macronix International MX29LV320MH Datasheet HTML 29Page - Macronix International MX29LV320MH Datasheet HTML 30Page - Macronix International MX29LV320MH Datasheet HTML 31Page - Macronix International MX29LV320MH Datasheet HTML 32Page - Macronix International MX29LV320MH Datasheet HTML 33Page - Macronix International MX29LV320MH Datasheet HTML 34Page - Macronix International MX29LV320MH Datasheet HTML 35Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
31
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
AC CHARACTERISTICS
Read-Only Operations TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V (TA=0°°°°° C to 70°°°°° C, VCC=3.0V~3.6V for
70R)
Parameter
Speed Options
Std.
Description
Test Setup
70R
90
Unit
tRC
Read Cycle Time (Note 1)
Min
70
90
ns
tACC
Address to Output Delay
CE#, OE#=VIL
Max
70
90
ns
tCE
Chip Enable to Output Delay
OE#=VIL
Max
70
90
ns
tPACC
Page Access Time
Max
25
25
ns
tOE
Output Enable to Output Delay
Max
35
35
ns
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tOH
Output Hold Time From Address, CE#
Min
0
ns
or OE#, whichever Occurs First
Read
Min
35
ns
tOEH
Output Enable Hold Time
Toggle and
Min
10
ns
(Note 1)
Data# Polling
Notes:
1. Not 100% tested.
2. See SWITCHING TEST CIRCUITS and TEST SPECIFICATIONS TABLE for test specifications.


Número de pieza similar - MX29LV320MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV320MBMC-70Q MCNIX-MX29LV320MBMC-70Q Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MBMC-70R MCNIX-MX29LV320MBMC-70R Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MBMC-90 MCNIX-MX29LV320MBMC-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MBMC-90G MCNIX-MX29LV320MBMC-90G Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MBMI-90 MCNIX-MX29LV320MBMI-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Descripción similar - MX29LV320MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com