Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX29VL033MTMC-10G Datasheet(Hoja de datos) 8 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

 8 page
background image
8
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A23-A16
(Kbytes/Kwords)
Address Range
Address Range
SA121
01111001
64/32
790000-79FFFF
3C8000-3CFFFF
SA122
01111010
64/32
7A0000-7AFFFF
3D0000-3D7FFF
SA123
01111011
64/32
7B0000-7BFFFF
3D8000-3DFFFF
SA124
01111100
64/32
7C0000-7CFFFF
3E0000-3E7FFF
SA125
01111101
64/32
7D0000-7DFFFF
3E8000-3EFFFF
SA126
01111110
64/32
7E0000-7EFFFF
3F0000-3F7FFF
SA127
01111111
64/32
7F0000-7FFFFF
3F8000-3FFFFF
SA128
10000000
64/32
800000-80FFFF
400000-407FFF
SA129
10000001
64/32
810000-81FFFF
408000-40FFFF
SA130
10000010
64/32
820000-82FFFF
410000-417FFF
SA131
10000011
64/32
830000-83FFFF
418000-41FFFF
SA132
10000100
64/32
840000-84FFFF
420000-427FFF
SA133
10000101
64/32
850000-85FFFF
428000-42FFFF
SA134
10000110
64/32
860000-86FFFF
430000-437FFF
SA135
10000111
64/32
870000-87FFFF
438000-43FFFF
SA136
10001000
64/32
880000-88FFFF
440000-447FFF
SA137
10001001
64/32
890000-89FFFF
448000-44FFFF
SA138
10001010
64/32
8A0000-8AFFFF
450000-457FFF
SA139
10001011
64/32
8B0000-8BFFFF
458000-45FFFF
SA140
10001100
64/32
8C0000-8CFFFF
460000-467FFF
SA141
10001101
64/32
8D0000-8DFFFF
468000-46FFFF
SA142
10001110
64/32
8E0000-8EFFFF
470000-477FFF
SA143
10001111
64/32
8F0000-8FFFFF
478000-47FFFF
SA144
10010000
64/32
900000-90FFFF
480000-487FFF
SA145
10010001
64/32
910000-91FFFF
488000-48FFFF
SA146
10010010
64/32
920000-92FFFF
490000-497FFF
SA147
10010011
64/32
930000-93FFFF
498000-49FFFF
SA148
10010100
64/32
940000-94FFFF
4A0000-4A7FFF
SA149
10010101
64/32
950000-95FFFF
4A8000-4AFFFF
SA150
10010110
64/32
960000-96FFFF
4B0000-4B7FFF
SA151
10010111
64/32
970000-97FFFF
4B8000-4BFFFF
SA152
10011000
64/32
980000-98FFFF
4C0000-4C7FFF
SA153
10011001
64/32
990000-99FFFF
4C8000-4CFFFF
SA154
10011010
64/32
9A0000-9AFFFF
4D0000-4D7FFF
SA155
10011011
64/32
9B0000-9BFFFF
4D8000-4DFFFF
SA156
10011100
64/32
9C0000-9CFFFF
4E0000-4E7FFF
SA157
10011101
64/32
9D0000-9DFFFF
4E8000-4EFFFF
SA158
10011110
64/32
9E0000-9EFFFF
4F0000-4F7FFF
SA159
10011111
64/32
9F0000-9FFFFF
4F8000-4FFFFF
SA160
10100000
64/32
A00000-A0FFFF
500000-507FFF
SA161
10100001
64/32
A10000-A1FFFF
508000-50FFFF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MX29LV128MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA321MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA128MT128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29LV64XMH64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl