Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX29VL033MTMC-10G Datasheet(Hoja de datos) 9 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

 9 page
background image
9
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A23-A16
(Kbytes/Kwords)
Address Range
Address Range
SA162
10100010
64/32
A20000-A2FFFF
510000-517FFF
SA163
10100011
64/32
A30000-A3FFFF
518000-51FFFF
SA164
10100100
64/32
A40000-A4FFFF
520000-527FFF
SA165
10100101
64/32
A50000-A5FFFF
528000-52FFFF
SA166
10100110
64/32
A60000-A6FFFF
530000-537FFF
SA167
10100111
64/32
A70000-A7FFFF
538000-53FFFF
SA168
10101000
64/32
A80000-A8FFFF
540000-547FFF
SA169
10101001
64/32
A90000-A9FFFF
548000-54FFFF
SA170
10101010
64/32
AA0000-AAFFFF
550000-557FFF
SA171
10101011
64/32
AB0000-ABFFFF
558000-55FFFF
SA172
10101100
64/32
AC0000-ACFFFF
560000-567FFF
SA173
10101101
64/32
AD0000-ADFFFF
568000-56FFFF
SA174
10101110
64/32
AE0000-AEFFFF
570000-577FFF
SA175
10101111
64/32
AF0000-AFFFFF
578000-57FFFF
SA176
10110000
64/32
B00000-B0FFFF
580000-587FFF
SA177
10110001
64/32
B10000-B1FFFF
588000-58FFFF
SA178
10110010
64/32
B20000-B2FFFF
590000-597FFF
SA179
10110011
64/32
B30000-B3FFFF
598000-59FFFF
SA180
10110100
64/32
B40000-B4FFFF
5A0000-5A7FFF
SA181
10110101
64/32
B50000-B5FFFF
5A8000-5AFFFF
SA182
10110110
64/32
B60000-B6FFFF
5B0000-5B7FFF
SA183
10110111
64/32
B70000-B7FFFF
5B8000-5BFFFF
SA184
10111000
64/32
B80000-B8FFFF
5C0000-5C7FFF
SA185
10111001
64/32
B90000-B9FFFF
5C8000-5CFFFF
SA186
10111010
64/32
BA0000-BAFFFF
5D0000-5D7FFF
SA187
10111011
64/32
BB0000-BBFFFF
5D8000-5DFFFF
SA188
10111100
64/32
BC0000-BCFFFF
5E0000-5E7FFF
SA189
10111101
64/32
BD0000-BDFFFF
5E8000-5EFFFF
SA190
10111110
64/32
BE0000-BEFFFF
5F0000-5F7FFF
SA191
10111111
64/32
BF0000-BFFFFF
5F8000-5FFFFF
SA192
11000000
64/32
C00000-C0FFFF
600000-607FFF
SA193
11000001
64/32
C10000-C1FFFF
608000-60FFFF
SA194
11000010
64/32
C20000-C2FFFF
610000-617FFF
SA195
11000011
64/32
C30000-C3FFFF
618000-61FFFF
SA196
11000100
64/32
C40000-C4FFFF
620000-627FFF
SA197
11000101
64/32
C50000-C5FFFF
628000-62FFFF
SA198
11000110
64/32
C60000-C6FFFF
630000-637FFF
SA199
11000111
64/32
C70000-C7FFFF
638000-63FFFF
SA200
11001000
64/32
C80000-C8FFFF
640000-647FFF
SA201
11001001
64/32
C90000-C9FFFF
648000-64FFFF
SA202
11001010
64/32
CA0000-CAFFFF
650000-657FFF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MX29LV128MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA321MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA128MT128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29LV64XMH64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl