Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX29VL033MTMC-10G Datasheet(PDF) 29 Page - Macronix International

No. de pieza MX29VL033MTMC-10G
Descripción Electrónicos  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo MCNIX - Macronix International

MX29VL033MTMC-10G Datasheet(HTML) 29 Page - Macronix International

Back Button MX29VL033MTMC-10G Datasheet HTML 25Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 26Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 27Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 28Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 29Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 30Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 31Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 32Page - Macronix International MX29VL033MTMC-10G Datasheet HTML 33Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
29
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Table 5. Write Operation Status
WRITE OPERATION STATUS
The device provides several bits to determine the status
of a write operation: Q2, Q3, Q5, Q6, Q7, and RY/BY#.
Table 5 and the following subsections describe the func-
tions of these bits. Q7, RY/BY#, and Q6 each offer a
method for determining whether a program or erase op-
eration is complete or in progress. These three bits are
discussed first.
Status
Q7
Q6
Q5
Q3
Q2
Q1
RY/BY#
Byte/Word Program in Auto Program Algorithm
Q7#
Toggle
0
N/A
No
0
0
Toggle
Auto Erase Algorithm
0
Toggle
0
1
Toggle
N/A
0
Erase Suspend Read
1
No
0
N/A
Toggle
N/A
1
Erase
(Erase Suspended Sector)
Toggle
Suspended
Erase Suspend Read
Data
Data
Data
Data
Data
Data
1
Mode
(Non-Erase Suspended Sector)
Erase Suspend Program
Q7#
Toggle
0
N/A
N/A
N/A
0
Program-Suspended Read
Invalid (not allowed)
1
Program
(Program-Suspended Sector)
Suspend
Program-Suspended Read
Data
1
(Non-Program-Suspended Sector)
Write-to-Buffer
Busy
Q7#
Toggle
0
N/A
N/A
0
0
Abort
Q7#
Toggle
0
N/A
N/A
1
0
Notes:
1. Q5 switches to "1" when an Word/Byte Program, Erase, or Write-to-Buffer operation has exceeded the maximum
timing limits. Refer to the section on Q5 for more information.
2. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
3. The Data# Polling algorithm should be used to monitor the last loaded write-buffer address location.
4. Q1 switches to "1" when the device has aborted the write-to-buffer operation.


Número de pieza similar - MX29VL033MTMC-10G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29VS128F MCNIX-MX29VS128F Datasheet
1Mb / 5P
   128M-BIT [8M x16-bit] CMOS 1.8 Volt
More results

Descripción similar - MX29VL033MTMC-10G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com