Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MX29VL033MTMC-10G Datasheet(PDF) 33 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

MX29VL033MTMC-10G Datasheet(HTML) 33 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
33
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . ..... -65oC to +150oC
Ambient Temperature
with Power Applied. . . . . . . . . . . . . .... -65oC to +125oC
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to +4.0 V
A10, OE#, and
RESET# (Note 2) . . . . . . . . . . . ....-0.5 V to +12.5 V
All other pins (Note 1) . . . . . . . -0.5 V to VCC +0.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5 V.
During voltage transitions, input or I/O pins may over-
shoot VSS to -2.0 V for periods of up to 20 ns. Maxi-
mum DC voltage on input or I/O pins is VCC +0.5 V.
During voltage transitions, input or I/O pins may over-
shoot to VCC +2.0 V for periods up to 20ns.
2. Minimum DC input voltage on pins A10, OE#, and
RESET# is -0.5 V. During voltage transitions, A10,
OE#, and RESET# may overshoot VSS to -2.0 V for
periods of up to 20 ns. Maximum DC input voltage on
pin A10 is +12.5 V which may overshoot to 14.0 V for
periods up to 20 ns.
3. No more than one output may be shorted to ground at
a time. Duration of the short circuit should not be
greater than one second.
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those in-
dicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maxi-
mum rating conditions for extended periods may affect
device reliability.
OPERATING RATINGS
Commercial (C) Devices
Ambient Temperature (TA ). . . . . . . . . . . . 0
° C to +70° C
Industrial (I) Devices
Ambient Temperature (TA ). . . . . . . . . . -40
° C to +85° C
VCC Supply Voltages
VCC for full voltage range. . . . . . . . . . . +2.7 V to 3.6 V
VCC for regulated voltage range. . . . . .. +3.0 V to 3.6 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn