Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MX29VL033MTMC-10G Datasheet(PDF) 34 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

MX29VL033MTMC-10G Datasheet(HTML) 34 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
34
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Notes:
1. On the WP#/ACC pin only, the maximum input load current when WP# = VIL is
±5.0uA.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. The ICC current listed is typically is less than 2 mA/MHz, with OE# at VIH. Typical specifications are for VCC =
3.0V.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
6. Not 100% tested.
7. A9=12.5V when TA=0
° C to 85° C, A9=12V when when TA=-40° C to 0° C.
DC CHARACTERISTICS
TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V
(TA=-40
°°°°° C to 85°°°°° C,VCC=3.0V~3.6V for 90R)
Para-
meter Description
Test Conditions
Min.
Typ.
Max.
Unit
I LI
Input Load Current (Note 1)
VIN = VSS to VCC ,
±1.0
uA
VCC = VCC max
I LIT
A10 Input Leakage Current
VCC=VCC max; A10 = 12.5V
35
uA
I LO
Output Leakage Current
VOUT = VSS to VCC ,
±1.0
uA
VCC= VCC max
ICC1
VCC Initial Read Current
CEx= VIL,
10 MHz
35
50
mA
(Notes 2,3)
OE# = VIH
5 MHz
18
25
mA
1 MHz
5
20
mA
ICC2
VCC Intra-Page Read
CEx= VIL ,
10 MHz
5
20
mA
Current (Notes 2,3)
OE# = VIH
40 MHz
10
40
mA
ICC3
VCC Active Write Current
CEx= VIL , OE# = VIH
50
60
mA
(Notes 2,4,6)
WE#=VIL
ICC4
VCC Standby Current
CEx,RESET#=VCC
±0.3V
20
50
uA
(Note 2)
WP#=VIH
ICC5
VCC Reset Current
RESET#=VSS
±0.3V
20
50
uA
(Note 2)
WP#=VIH
ICC6
Automatic Sleep Mode
VIL = VSS
± 0.3 V,
20
50
uA
(Notes 2,5)
VIH = VCC
± 0.3 V,
WP#=VIH
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7xVCC
VCC+0.5
V
VHH
Voltage for ACC Program
VCC = 2.7V ~ 3.6V
11.5
12.0
12.5
V
Acceleration
VID
Voltage for Autoselect and
VCC = 3.0 V
± 10%
11.5
12.0
12.5
V
Temporary Sector Unprotect
VOL
Output Low Voltage
IOL= 4.0mA,VCC=VCC min
0.45
V
VOH1 Output High Voltage
IOH=-2.0mA,VCC=VCC min
0.85VCC
V
VOH2
IOH=-100uA,VCC=VCC min
VCC-0.4
V
VLKO Low VCC Lock-Out Voltage
2.3
2.5
V
(Note 4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn