Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX29VL033MTMC-10G Datasheet(Hoja de datos) 36 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

 36 page
background image
36
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
AC CHARACTERISTICS
Read-Only Operations
TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V
(TA=-40
°°°°° C to 85°°°°° C, VCC=3.0V~3.6V for 90R)
Parameter
Speed Options
Std.
Description
Test Setup
90R
100
Unit
tRC
Read Cycle Time (Note 1)
Min
90
100
ns
tACC
Address to Output Delay
CEx, OE#=VIL
Max
90
100
ns
tCE
Chip Enable to Output Delay
OE#=VIL
Max
90
100
ns
tPACC
Page Access Time
Max
25
ns
tOE
Output Enable to Output Delay
Max
35
ns
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tOH
Output Hold Time From Address, CEx
Min
0
ns
or OE#, whichever Occurs First
Read
Min
35
ns
tOEH
Output Enable Hold Time
Toggle and
Min
10
ns
(Note 1)
Data# Polling
Notes:
1. Not 100% tested.
2. See SWITCHING TEST CIRCUITS and TEST SPECIFICATIONS TABLE for test specifications.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MX29LV128MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA321MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA128MT128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29LV64XMH64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl