Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX29VL033MTMC-10G Datasheet(Hoja de datos) 39 Page - Macronix International

No. de Pieza. MX29VL033MTMC-10G
Descripción  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Descarga  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCNIX [Macronix International]
Página de inicio  http://www.macronix.com
Logo 

 39 page
background image
39
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
AC CHARACTERISTICS
Erase and Program Operations
TA=-40
°°°°° C to 85°°°°° C,VCC=2.7V~3.6V
(TA=-40
°°°°° C to 85°°°°° C, VCC=3.0V~3.6V for 90R)
Parameter
Speed Options
Std.
Description
90R
100
Unit
tWC
Write Cycle Time (Note 1)
Min
90
100
ns
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CEx or OE# high during toggle
Min
0
ns
bit polling
tDS
Data Setup Time
Min
35
ns
tDH
Data Hold Time
Min
0
ns
tCEPH
CEx High During Toggle Bit Polling
Min
20
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
ns
tGHWL
Read Recovery Time Before Write
Min
0
ns
(OE# High to WE# Low)
tGHEL
Read Recovery Time Before Write
Min
0
ns
tCS
CEx Setup Time
Min
0
ns
tCH
CEx Hold Time
Min
0
ns
tWP
Write Pulse Width
Min
35
ns
tWPH
Write Pulse Width High
Min
30
ns
Write Buffer Program Operation (Notes 2,3)
Typ
240
us
Single Word/Byte Program
Byte
Typ
60
us
tWHWH1
Operation (Notes 2,5)
Word
Typ
60
us
Accelerated Single Word/Byte
Byte
Typ
54
us
Programming Operation (Notes 2,5)
Word
Typ
54
us
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
tVCS
VCC Setup Time (Note 1)
Min
50
us
tRB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
90
100
ns
tVHH
VHH Rise and Fall Time (Note 1)
Min
250
ns
tPOLL
Program Valid Before Status Polling (Note 6)
Max
4
us
Notes:
1. Not 100% tested.
2. See the "Erase And Programming Performance" section for more information.
3. For 1-16 words/1-32 bytes programmed.
4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
5. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the
write buffer.
6. When using the program suspend/resume feature, if the suspend command is issued within tPOLL, tPOLL must be
fully re-applied upon resuming the programming operation. If the suspend command is issued after tPOLL, tPOLL
is not required again prior to reading the status bits upon resuming.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MX29LV128MH128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV320MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA321MH32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LA128MT128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV033M32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreIntegrated Circuit Systems
MX29LV64XMH64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl