Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F0100404B Datasheet(PDF) 7 Page - Eudyna Devices Inc

No. de pieza F0100404B
Descripción Electrónicos  3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100404B Datasheet(HTML) 7 Page - Eudyna Devices Inc

Back Button F0100404B Datasheet HTML 2Page - Eudyna Devices Inc F0100404B Datasheet HTML 3Page - Eudyna Devices Inc F0100404B Datasheet HTML 4Page - Eudyna Devices Inc F0100404B Datasheet HTML 5Page - Eudyna Devices Inc F0100404B Datasheet HTML 6Page - Eudyna Devices Inc F0100404B Datasheet HTML 7Page - Eudyna Devices Inc F0100404B Datasheet HTML 8Page - Eudyna Devices Inc F0100404B Datasheet HTML 9Page - Eudyna Devices Inc F0100404B Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
F0100404B
1.25Gb/s Transimpedance Amplifier
(3) Input Noise Current Density & Transimpedance
INPUT NOISE CURRENT DENSITY & TRANSIMPEDANCE(Typical Vaiues)
Freq. (MHz)
Zt(
Ω)
(RF transimpedance)
Ini(pA/
√Hz)
(Equivalent input noise currentdensity)
10
20
30
50
80
100
200
300
400
500
600
700
800
900
1000
683
682
679
663
656
649
652
642
649
641
662
663
670
685
685
9.68
8.96
9.29
8.08
8.72
8.60
9.07
8.54
8.25
8.68
8.90
10.80
10.60
10.30
8.96


Número de pieza similar - F0100404B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
More results

Descripción similar - F0100404B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
   1.25 GB/S TRANSIMPEDANCE AMPLIFIER
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1020W SIGE-SE1020W Datasheet
272Kb / 7P
   1.25 Gb/s Transimpedance Amplifier Product Preview
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
logo
Vitesse Semiconductor C...
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com