Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F0100612B Datasheet(PDF) 5 Page - Eudyna Devices Inc

No. de pieza F0100612B
Descripción Electrónicos  10Gb/s Receiver Transimpedance Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100612B Datasheet(HTML) 5 Page - Eudyna Devices Inc

  F0100612B Datasheet HTML 1Page - Eudyna Devices Inc F0100612B Datasheet HTML 2Page - Eudyna Devices Inc F0100612B Datasheet HTML 3Page - Eudyna Devices Inc F0100612B Datasheet HTML 4Page - Eudyna Devices Inc F0100612B Datasheet HTML 5Page - Eudyna Devices Inc F0100612B Datasheet HTML 6Page - Eudyna Devices Inc F0100612B Datasheet HTML 7Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F0100612B
10Gb/s Transimpedance Amplifier
Test Circuits
1) AC Characteristics
2) Sensitivity Characteristics
Pin=-
50dBm
f=130MHz
∼20GHz
Network Analyzer
50
50
DUT
VDD
OUTP
OUTN
Prober
IN
50
E/O
Converter
Pulse
Pattern
Generator
Optical
Attenuator
5V
5V
VDD
VPD
Post Amp.
0.022uF
0.022uF
0.022uF
Bit Error
Rate Tester
CLK
PD
DUT


Número de pieza similar - F0100612B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
More results

Descripción similar - F0100612B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
logo
Integrated Device Techn...
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
   4 Channel 10Gb/s Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com