Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5063X Datasheet(PDF) 4 Page - Eudyna Devices Inc

No. de pieza FMM5063X
Descripción Electrónicos  Ku-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5063X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5063X Datasheet HTML 1Page - Eudyna Devices Inc FMM5063X Datasheet HTML 2Page - Eudyna Devices Inc FMM5063X Datasheet HTML 3Page - Eudyna Devices Inc FMM5063X Datasheet HTML 4Page - Eudyna Devices Inc FMM5063X Datasheet HTML 5Page - Eudyna Devices Inc FMM5063X Datasheet HTML 6Page - Eudyna Devices Inc FMM5063X Datasheet HTML 7Page - Eudyna Devices Inc FMM5063X Datasheet HTML 8Page - Eudyna Devices Inc FMM5063X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=900mA, f=12.75GHz
Ku-Band Power Amplifier MMIC
FMM5063X
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=900mA, f=14.0GHz
18
20
22
24
26
28
30
32
34
36
-12 -10 -8
-6
-4
-2
0
2
4
6
8
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
4V
5V
6V
7V
8V
18
20
22
24
26
28
30
32
34
36
-12 -10 -8
-6
-4
-2
0
2
4
6
8
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
4V
5V
6V
7V
8V
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=900mA, f=15.4GHz
18
20
22
24
26
28
30
32
34
36
-12 -10 -8
-6
-4
-2
0
2
4
6
8
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
4V
5V
6V
7V
8V
Output Power, Gain vs. Drain Voltage
IDD(DC)=900mA, f=15.4GHz
25
26
27
28
29
30
31
32
33
34
35
36
34
56
78
9
Drain Voltage [V]
27
28
29
30
31
32
33
34
35
36
37
38
12.75GHz
14.0GHz
15.4GHz


Número de pieza similar - FMM5063X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
More results

Descripción similar - FMM5063X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com