Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5321ZV Datasheet(PDF) 3 Page - Eudyna Devices Inc

No. de pieza FMM5321ZV
Descripción Electrónicos  Quad-band Antenna Switch Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5321ZV Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FMM5321ZV Datasheet HTML 1Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 2Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 3Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 4Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FMM5321ZV
Quad-band Antenna Switch Module
GSM850 / GSM900 / DCS1800 / PCS1900 / GPRS Applications
Rev 1.1
April 20, 2005
3
Eudyna Devices Inc. Confidential
DCS1800 Tx @Pin=32 dBm
Insertion Loss
1710 – 1785 MHz
-20 to 70 °C
1.4
1.6
1.7
dB
VSWR Tx
1710 – 1785 MHz
-20 to 70 °C
1.5
1.7
3420 – 3570 MHz
-20 to 70 °C
25
22
30
Attenuation
5130 – 5355 MHz
-20 to 70 °C
16
16
18
dB
3420 – 3570 MHz
-20 to 70 °C
67
63
Harmonics
5130 – 5355 MHz
-20 to 70 °C
70
65
dBc
Port Isolation
DCS1800 Tx to any Rx port
-20 to 70 °C
25
dB
PCS1900 Tx @Pin=32 dBm
Insertion Loss
1850 – 1910 MHz
-20 to 70 °C
1.5
1.7
1.9
dB
VSWR Tx
1850 – 1910 MHz
-20 to 70 °C
1.5
1.7
3700 – 3820 MHz
-20 to 70 °C
25
22
30
Attenuation
5550 – 5730 MHz
-20 to 70 °C
19
17
22
dB
3700 – 3820 MHz
-20 to 70 °C
70
63
Harmonics
5550 – 5730 MHz
-20 to 70 °C
70
65
dBc
Port Isolation
PCS1900 Tx to any Rx port
-20 to 70 °C
25
dB
Current consumption
Tx mode
-20 to 70 °C
500
950
uA
Rx Operation
GSM850 Rx
Insertion Loss
869 - 894 MHz, Pin=10 dBm
-20 to 70 °C
0.9
1.25
1.45
dB
VSWR Rx
869 - 894 MHz, Pin=10 dBm
-20 to 70 °C
1.5
GSM900 Rx
Insertion Loss
925 – 960 MHz, Pin=10 dBm
-20 to 70 °C
1.0
1.35
1.55
dB


Número de pieza similar - FMM5321ZV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5320ZW EUDYNA-FMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
More results

Descripción similar - FMM5321ZV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXG1180EQ ETC1-CXG1180EQ Datasheet
55Kb / 2P
   Ultralow Loss GSM Quad-Band Antenna Switch Module
logo
rfsolutions.ltd
ANT-GSMQB RFSOLUTIONS-ANT-GSMQB Datasheet
43Kb / 1P
   GSM Antenna Quad Band
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
   Quad-band Omnidirectional Antenna
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
   SP3T 횞 2 Antenna Switch for GSM Quad-Band
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
List of Unclassifed Man...
A10464 ETC2-A10464 Datasheet
1Mb / 21P
   Clarki Quad-band M2M Antenna
logo
Pulse A Technitrol Comp...
W3502 PULSE-W3502 Datasheet
425Kb / 4P
   Internal Quad Band PWB Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
W3501 PULSE-W3501 Datasheet
1Mb / 8P
   Internal Quad Band PWB Antenna
logo
Molex Electronics Ltd.
PS-146185-100 MOLEX-PS-146185-100_V01 Datasheet
381Kb / 7P
   Cellular Quad Band Flex Antenna
2017-06-13
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com