Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5804X Datasheet(PDF) 4 Page - Eudyna Devices Inc

No. de pieza FMM5804X
Descripción Electrónicos  17.5-31.5GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5804X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5804X Datasheet HTML 1Page - Eudyna Devices Inc FMM5804X Datasheet HTML 2Page - Eudyna Devices Inc FMM5804X Datasheet HTML 3Page - Eudyna Devices Inc FMM5804X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMM5804X
17.5-31.5GHz Power Amplifier MMIC
4
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU QUANTUM DEVICES EUROPE, LTD.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 1999 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0599M200
CHIP OUTLINE
Unit:
µm
0
0
0
2610
0
VGG1
Chip Size: 2610
±30µm x 1410±30µm
Chip Thickness:70
±20µm
Pad Dimensions: 1. DC 80 x 80
µm
2. RF 120 x 80
µm
VGG2
VGG3
1140
1335
75
1140
1410
RFin
RFout
550
80
80
2530
1150
VGG4
1750
VDD3
2330
VDD2
840
VDD1
240
VDD4
2470
2050
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.


Número de pieza similar - FMM5804X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
FMM5804YD EUDYNA-FMM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
More results

Descripción similar - FMM5804X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5803X EUDYNA-FMM5803X Datasheet
2Mb / 4P
   27.5-31.5GHz Power Amplifier MMIC
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Excelics Semiconductor,...
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
   17.5 - 20.0 GHz Power Amplifier MMIC
RFMA1720-1W EXCELICS-RFMA1720-1W Datasheet
91Kb / 2P
   17.5 - 20.0 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com