Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5829X Datasheet(PDF) 7 Page - Eudyna Devices Inc

No. de pieza FMM5829X
Descripción Electrónicos  K-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5829X Datasheet(HTML) 7 Page - Eudyna Devices Inc

Back Button FMM5829X Datasheet HTML 3Page - Eudyna Devices Inc FMM5829X Datasheet HTML 4Page - Eudyna Devices Inc FMM5829X Datasheet HTML 5Page - Eudyna Devices Inc FMM5829X Datasheet HTML 6Page - Eudyna Devices Inc FMM5829X Datasheet HTML 7Page - Eudyna Devices Inc FMM5829X Datasheet HTML 8Page - Eudyna Devices Inc FMM5829X Datasheet HTML 9Page - Eudyna Devices Inc FMM5829X Datasheet HTML 10Page - Eudyna Devices Inc FMM5829X Datasheet HTML 11Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IMD vs. Output Power
by Drain Current
K-Band Power Amplifier MMIC
FMM5829X
IMD vs. Output Power
by Drain Current
IMD vs. Output Power
by Drain Current
VDD=6V, f=21GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
16
18
20
22
24
26
28
30
32
2-tone Total Pout [dBm]
600mA
800mA
1000mA
IM5
IM3
VDD=6V, f=23GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
16
18
20
22
24
26
28
30
32
2-tone Total Pout [dBm]
600mA
800mA
1000mA
IM5
IM3
VDD=6V, f=25GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
16
18
20
22
24
26
28
30
32
2-tone Total Pout [dBm]
600mA
800mA
1000mA
IM5
IM3
VDD=6V, f=27GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
16
18
20
22
24
26
28
30
32
2-tone Total Pout [dBm]
600mA
800mA
1000mA
IM5
IM3
IMD vs. Output Power
by Drain Current


Número de pieza similar - FMM5829X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
More results

Descripción similar - FMM5829X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com