Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1615-Z Datasheet(PDF) 2 Page - Stanson Technology

No. de pieza 2SA1615-Z
Descripción Electrónicos  P TYPE TTANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

2SA1615-Z Datasheet(HTML) 2 Page - Stanson Technology

  2SA1615-Z Datasheet HTML 1Page - Stanson Technology 2SA1615-Z Datasheet HTML 2Page - Stanson Technology 2SA1615-Z Datasheet HTML 3Page - Stanson Technology 2SA1615-Z Datasheet HTML 4Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P TYPE TTANSISTORS
2SA1615, 1615-Z
-10A
ELECTRICAL CHARACTERISTICS(Ta=25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector cutoff current
ICBO
VCB = -20V, IE = 0
-1.0
uA
Emitter cutoff current
IEBO
VEB = -8.0, Ic = 0
-1.0
uA
DC current agin
hFE1*
VCE = -2.0V, Ic = -0.5A
200
600
CC current agin
hFE2*
VCE = -2.0V, Ic = -4.0A
160
Collector saturation voltage
VCE(sat)* Ic = -4.0A, IB = -0.05A
-0.2
-0.25
V
Base saturation voltage
VBE(sat)* Ic = -4.0A, IB = -0.05A
-0.9
-1.2
V
Gain bandwidth voltage
ft
VCE = -0.5V, IE = 1.5A
180
MHz
Output capacity
Cob
VCB = -10V, IE = 0, f = 1.0MHz
220
pF
Turn-on time
ton
80
ns
Storage time
tstg
300
ns
Fall time
tr
Ic = -5.0A, IB1 = -IB2 = -0.125A
RL = 2.0ohm, Vcc = -10V
60
ns
* Pulse test PW ≦ 350uA, duty cycle ≦ 2%
hFE CLADDIFICATION
Marking
L
K
hFE2
200 to 400
300 to 600
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
Page2


Número de pieza similar - 2SA1615-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SA1615-Z NEC-2SA1615-Z Datasheet
118Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SA1615-Z KEXIN-2SA1615-Z Datasheet
41Kb / 1P
   Silicon Power Transistors
logo
Inchange Semiconductor ...
2SA1615-Z ISC-2SA1615-Z Datasheet
240Kb / 2P
   isc Silicon PNP Power Transistor
More results

Descripción similar - 2SA1615-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2N404 NJSEMI-2N404 Datasheet
141Kb / 1P
   JUNCTION TRANSISTOR Germanium p-n-p Alloy Type
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
logo
Toshiba Semiconductor
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
   SILICON P CHANNEL MOS TYPE
2SJ347 TOSHIBA-2SJ347_07 Datasheet
556Kb / 5P
   Silicon P Channel MOS Type
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
logo
Ningbo songle relay co....
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
logo
M/A-COM Technology Solu...
MSS39-XXX-X MA-COM-MSS39-XXX-X Datasheet
685Kb / 5P
   P-Type Silicon Schottky Diodes
logo
Toshiba Semiconductor
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
   Silicon P Channel MOS Type
2SJ167 TOSHIBA-2SJ167_07 Datasheet
516Kb / 5P
   Silicon P Channel MOS Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com