Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE0511 Datasheet(Hoja de datos) 2 Page - Stanson Technology

No. de Pieza. STE0511
Descripción  Single-line ESD Protection Array
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo 

   
 2 page
background image
Single-line ESD Protection Array
STE0511
Working voltage 5V
OREDRING INFORMATION
Part Number
Package
STE0511D52RG
SOD-523
※ STE0511D52RG: Tape Reel; Pb-Free
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Peak Pulse Power (tp=8/20 us)
Ppk
250
W
Maximum Peak Pulse Currint (tp=8/20us)
Ipp
7
A
ESD per ICE 61000-4-2 (Air)
Vpp
+/-15
KV
ESD per ICE 61000-4-2 (Contact)
Vpp
+/-8
KV
Operating Junction Tempreature
Tj
-55~150
Storgae Temperature Range
TSTG
-55~150
Lead Soldering Temperature
TL
260(10sec)
ELECTRICAL CHARACTERISTICS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Conditions
Min
Typ Max Unit
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
8.5
V
Reverse Leakage Current
IR
VRWM=5V, T=25℃
0.01
1
uA
Reverse Leakage Current
IR
VRWM=3V, T=25℃
0.01
0.5
uA
Clamping Voltage
VC
Ipp=1A, tp=8/20us
11.5
V
Clamping Voltage
VC
Ipp=7A, tp=8/20us
15
V
Junction Capacitance
Cj
Between I/O Pin and GND
VR=0V, f 1MHz
20
30
pF
Page 2
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295




Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PACDN00718 CHANNEL ESD PROTECTION ARRAY 1 2 3 California Micro Devices Corp
MSQA6V1W5T2Quad Array for ESD Protection 1 2 3 4 ON Semiconductor
NUP4301MR6T1Low Capacitance Diode Array for ESD Protection in Four Data Lines 1 2 3 4 ON Semiconductor
DF6A6.8FUT1Quad Array for ESD Protection 1 2 3 4 ON Semiconductor
NUF6105FCT16 Channel EMI Pi-Filter Array with ESD Protection 1 2 3 4 5 MoreON Semiconductor
PJT5V0BQGTRIPLE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION 1 2 3 Pan Jit International Inc.
CM14406 Channel EMI Filter Array with ESD Protection 1 2 3 4 5 MoreAllegro MicroSystems
WOST03CSurface Mount TVS Diode Array for ESD Protection 1 2 3 Weitron Technology
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
PACDN0166 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP 1 2 3 California Micro Devices Corp

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl