Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE0514 Datasheet(Hoja de datos) 1 Page - Stanson Technology

No. de Pieza. STE0514
Descripción  Four-Line ESD Protection Array
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo 

   
 1 page
background image
Four-Line ESD Protection Array
STE0514
Working voltage 5V
DESCRIPTION
The STE0514 are designed by TVS device that is to protect sensitive electronics from
damage or latch-up due to ESD. They are designed for use in applications where board space
ia at a premium.
STE0514 will protect up to four lines, and may be used on lines where the signal polarities
swing above and below ground.
STE0514 offer desirable characteristics for board level protection including fast response
time, low operating and clamping voltage without device degradation.
STE0514 may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The
small SOT-563 package makes them ideal for use in portable electronics such as cell phone,
PDA’s, notebook computers, digital cameras and MP3.
PIN CONFIGURATION
SOT-563 (SC-89)
PART MARKING
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
FEATURE
l Transient protection for data lines to
IEC 61000-4-2 (ESD) +/- 15kV (air),
+/-8KV (contect)
IEC 61000-4-4 (EFT) 40A (5/50ns)
l Protects four I/O lines
l Working voltage : 5V
l Low leakage current
l Low operating and clamping voltages




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PACDN00718 CHANNEL ESD PROTECTION ARRAY 1 2 3 California Micro Devices Corp
MSQA6V1W5T2Quad Array for ESD Protection 1 2 3 4 ON Semiconductor
NUP4301MR6T1Low Capacitance Diode Array for ESD Protection in Four Data Lines 1 2 3 4 ON Semiconductor
DF6A6.8FUT1Quad Array for ESD Protection 1 2 3 4 ON Semiconductor
NUF6105FCT16 Channel EMI Pi-Filter Array with ESD Protection 1 2 3 4 5 MoreON Semiconductor
PJT5V0BQGTRIPLE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION 1 2 3 Pan Jit International Inc.
CM14406 Channel EMI Filter Array with ESD Protection 1 2 3 4 5 MoreAllegro MicroSystems
WOST03CSurface Mount TVS Diode Array for ESD Protection 1 2 3 Weitron Technology
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
PACDN0166 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP 1 2 3 California Micro Devices Corp

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl