Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6030A4PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6030A4PWP
Descripción Electrónicos  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6030A4PWP Datasheet HTML 2Page - Texas Instruments TPA6030A4PWP Datasheet HTML 3Page - Texas Instruments TPA6030A4PWP Datasheet HTML 4Page - Texas Instruments TPA6030A4PWP Datasheet HTML 5Page - Texas Instruments TPA6030A4PWP Datasheet HTML 6Page - Texas Instruments TPA6030A4PWP Datasheet HTML 7Page - Texas Instruments TPA6030A4PWP Datasheet HTML 8Page - Texas Instruments TPA6030A4PWP Datasheet HTML 9Page - Texas Instruments TPA6030A4PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPA6030A4
SLOS395A – DECEMBER 2002 – REVISED JANUARY 2003
www.ti.com
6
VOLUME CONTROL
Table 1 shows the functionality of the 32-step volume control. The voltage difference between trip levels is 2.66% of 5VREF,
and the difference between gain steps is 2.53 dB.
Table 1. Volume Control
(VCC = 12 V, No Load, SEDIFF = 0 V, SEMAX = 5VREF)
VOLTAGE ON VOLUME PIN AS A
PERCENTAGE OF 5VREF
SPEAKER VOLUME
(dB)
HEADPHONE VOLUME
(dB)
0–10
–80.00
–86.00
10–12.6
–40.00
–46.00
12.6–15.2
–37.47
–43.47
15.2–18
–34.93
–40.93
18–20.6
–32.40
–38.40
20.6–23.4
–29.87
–35.87
23.4–26
–27.33
–33.33
26–28.6
–24.80
–30.80
28.6–31.4
–22.27
–28.27
31.4–34
–19.73
–25.73
34–36.6
–17.20
–23.20
36.6–39.4
–14.67
–20.67
39.4–42
–12.13
–18.13
42–44.6
–9.60
–15.60
44.6–47.2
–7.07
–13.07
47.2–50
–4.53
–10.53
50–52.6
–2.00
–8.00
52.6–55.4
0.53
–5.47
55.4–58
3.07
–2.93
58–60.6
5.60
–0.40
60.6–63.4
8.13
2.13
63.4–66
10.67
4.67
66–68.6
13.20
7.20
68.6–71.4
15.73
9.73
71.4–74
18.27
12.27
74–76.6
20.80
14.80
76.6–79.4
23.33
17.33
79.4–82
25.87
19.87
82–84.6
28.40
22.40
84.6–87.4
30.93
24.93
87.4–90
33.47
27.47
90–100
36.00
30.00
Refer to the section entitled Volume Control Description in the Application Information section of this data sheet for more
details regarding the use of the volume control.


Número de pieza similar - TPA6030A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPG4 TI-TPA6030A4PWPG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPR TI-TPA6030A4PWPR Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPRG4 TI-TPA6030A4PWPRG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Descripción similar - TPA6030A4PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com