Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UN6111 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de Pieza. UN6111
Descripción  Silicon PNP epitaxial planer transistor
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo 

UN6111 Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Transistors with built-in Resistor
UN6111/6112/6113/6114/6115/6116/6117/6118/
6119/6110/611D/611E/611F/611H/611L
Silicon PNP epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
MT-1 type package, allowing supply with the radial taping.
s Resistance by Part Number
(R1)(R2)
q
UN6111
10k
10k
q
UN6112
22k
22k
q
UN6113
47k
47k
q
UN6114
10k
47k
q
UN6115
10k
q
UN6116
4.7k
q
UN6117
22k
q
UN6118
0.51k
5.1k
q
UN6119
1k
10k
q
UN6110
47k
q
UN611D
47k
10k
q
UN611E
47k
22k
q
UN611F
4.7k
10k
q
UN611H
2.2k
10k
q
UN611L
4.7k
4.7k
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
400
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
1 : Emitter
2 : Collector
3 : Base
MT-1 Type Package
6.9
±0.1
1.05
±0.05
2.5
±0.1
(1.45)
0.8
0.7
4.0
0.65 max.
0.45
+0.1
–0.05
2.5
±0.5 2.5±0.5
123
B
C
R1
R2
E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
UN6121Silicon PNP epitaxial planer transistor 1 2 3 4 5 MorePanasonic Semiconductor
XN1116Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XN1401Silicon PNP epitaxial planer transistor 1 2 3 Panasonic Semiconductor
XN6115Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XP0111MSilicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XP1116Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XN1117Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XN4111Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XN6116Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor
XP1117Silicon PNP epitaxial planer transistor 1 2 Panasonic Semiconductor