Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM94021BIMG Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM94021BIMG
Descripción Electrónicos  Multi-Gain Analog Temperature Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021BIMG Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM94021BIMG Datasheet HTML 1Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 2Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 3Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 4Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 5Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 6Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 7Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 8Page - National Semiconductor (TI) LM94021BIMG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.2V to +6.0V
Voltage at Output Pin
−0.2V to (V
DD + 0.5V)
Output Current
±7mA
Voltage at GS0 and GS1 Input
Pins
−0.2V to +6.0V
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65˚C to +150˚C
Maximum Junction Temperature
(T
JMAX)
+150˚C
ESD Susceptibility (Note 3) :
Human Body Model
2500V
Machine Model
250V
Soldering process must comply with National’s
Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 4)
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN
≤ T
A
≤ T
MAX
LM94021
−50˚C
≤ T
A
≤ +150˚C
Supply Voltage Range (V
DD)
+1.5 V to +5.5 V
Thermal Resistance (
θ
JA) (Note 5)
SC-70
415˚C/W
Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in the LM94021
Transfer Table.
Parameter
Conditions
Limits
(Note
7)
Units
(Limit)
Temperature
Error
(Note 8)
GS1=0
GS0=0
T
A = +20˚C to +40˚C; VDD = 1.5V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 1.5V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 1.5V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 1.5V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 1.5V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 1.6V to 5.5V
±1.8
˚C (max)
GS1=0
GS0=1
T
A = +20˚C to +40˚C; VDD = 1.8V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 1.9V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 1.9V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 1.9V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 1.9V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 2.3V to 5.5V
±1.8
˚C (max)
GS1=1
GS0=0
T
A = +20˚C to +40˚C; VDD = 2.2V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 2.4V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 2.4V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 2.4V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 2.4V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 3.0V to 5.5V
±1.8
˚C (max)
GS1=1
GS0=1
T
A = +20˚C to +40˚C; VDD = 2.7V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 3.0V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 3.0V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 3.0V to 5.5V
±2.4
˚C (max)
T
A = 0˚C to +150˚C; VDD = 3.0V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 3.6V to 5.5V
±1.8
˚C (max)
www.national.com
3


Número de pieza similar - LM94021BIMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021BIMG/NOPB TI1-LM94021BIMG/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021BIMGX/NOPB TI1-LM94021BIMGX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results

Descripción similar - LM94021BIMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com