Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZP-3026Z Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SZP-3026Z
Descripción Electrónicos  2.7-3.8GHz 2W InGaP Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SZP-3026Z Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SZP-3026Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS-104666 Rev B
Preliminary
SZP-3026Z 2.7-3.8GHz 2W Power Amp
Measured 3.4-3.6 GHz Application Circuit Data (Vcc = Vpc = 5.0V, Iq = 460mA, T=25C)
Noise Figure vs Freq O.T.
2.5
3.5
4.5
5.5
6.5
7.5
3.3
3.4
3.5
3.6
3.7
3.8
Frequency(GHz)
-40C
+25C
+85C
RF Power Detector (Vdet) vs Pout, F=3.4GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
15
20
25
30
35
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=3.6GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
15
20
25
30
35
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=3.7GHz
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
15
20
25
30
35
Pout(dBm)
-40c
+25c
+85c
DC Supply Current (Idc) vs Pout, T=+25C
0.4
0.6
0.8
1.0
1.2
15
17
19
21
23
25
27
29
31
33
35
Pout(dBm)
3.4GHz
3.5GHz
3.6GHz
3.7GHz
DC Supply Current (Idc) vs Pout, F=3.5GHz
0.2
0.4
0.6
0.8
1.0
1.2
15
17
19
21
23
25
27
29
31
33
35
Pout(dBm)
-40c
+25c
+85c


Número de pieza similar - SZP-3026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

Descripción similar - SZP-3026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com