Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP597A Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TLP597A
Descripción Electrónicos  TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP597A Datasheet HTML 1Page - Toshiba Semiconductor TLP597A Datasheet HTML 2Page - Toshiba Semiconductor TLP597A Datasheet HTML 3Page - Toshiba Semiconductor TLP597A Datasheet HTML 4Page - Toshiba Semiconductor TLP597A Datasheet HTML 5Page - Toshiba Semiconductor TLP597A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP597A
2000-08-09
3/6
INDIVIDUAL ELECTRICAL CHARACTERISTICS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-State Current
IOFF
VOFF = 60 V
¾
¾
1
mA
Capacitance
COFF
V
= 0, f = 1 MHz
¾
130
¾
pF
COUPLED ELECTRICAL CHARACTERISTICS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
ION = 500 mA
¾
¾
3
mA
Close LED Current
IFC
IOFF = 100 mA
0.1
¾
¾
mA
A Connection
ION = 500 mA, IF = 5 mA
¾
1
2
B Connection
ION = 500 mA, IF = 5 mA
¾
0.5
1
On-State
Resistance
C Connection
RON
ION = 1000 mA, IF = 5 mA
¾
0.25
¾
W
ISOLATION CHARACTERISTICS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
¾
0.8
¾
pF
Isolation Resistance
RS
VS = 500 V, R.H. <
= 60%
5
´ 10
10
10
14
¾
W
AC, 1 minute
2500
¾
¾
AC, 1 second (in oil)
¾
5000
¾
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
¾
5000
¾
Vdc
SWITCHING CHARACTERISTICS (Ta
==== 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Turn-on Time
tON
¾
0.6
2
Turn-off Time
tOFF
RL = 200 W
(NOTE 2)
VDD = 20 V, IF = 5 mA
¾
0.1
1
ms
Turn-on Time
tON
¾
0.3
1
Turn-off Time
tOFF
RL = 200 W
(NOTE 2)
VDD = 20 V, IF = 10 mA
¾
0.1
1
ms
(NOTE 2) : SWITCHING TIME TEST CIRCUIT
VOUT
IF
tON
tOFF
90%
10%
6
RL
VDD
VOUT
4
1
2
IF


Número de pieza similar - TLP597A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP597A TOSHIBA-TLP597A Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Descripción similar - TLP597A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
AD522 AD-AD522_15 Datasheet
455Kb / 4P
   HIGH ACCURACY DATA ACQUISITION INSTRUMENTATION AMPLIFIER
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com