Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD0805P050TF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SMD0805P050TF
Descripción Electrónicos  SMD Type, 6 V / 9 V / 15V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SMD0805P050TF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMD0805P050TF Datasheet HTML 1Page - List of Unclassifed Manufacturers SMD0805P050TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
040617
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432-5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
A: SMD0805P010TS/TF
B: SMD0805P020TS/TF
C: SMD0805P035TS/TF
D: SMD0805P050TS/TF
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
SMD0805P010TS/TF
0.14
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
SMD0805P020TS/TF
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
SMD0805P035TS/TF
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
SMD0805P050TS/TF
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
SMD0805P075TS/TF
t.b.d.
t.b.d.
t.b.d.
0.75
t.b.d.
t.b.d.
t.b.d.
t.b.d.
t.b.d.
SMD0805P100TS/TF
t.b.d.
t.b.d.
t.b.d.
1.00
t.b.d.
t.b.d.
t.b.d.
t.b.d.
t.b.d.
0.10
1.00
10.00
Fault Current (Amp.)
0.01
0.10
1.00
10.00
100.00
AB
C
D
POLYFUSE®
SMD0805


Número de pieza similar - SMD0805P050TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SMD0805P050TF LEIDITECH-SMD0805P050TF Datasheet
999Kb / 5P
   Positive Thermal Coefficent Diodes
logo
SUNMATE electronic Co.,...
SMD0805P050TF SUNMATE-SMD0805P050TF Datasheet
1Mb / 6P
   POSITIVE THERMAL COEFFICIENT(PTC)
logo
Shanghai Leiditech Elec...
SMD0805P050TF LEIDITECH-SMD0805P050TF Datasheet
1Mb / 6P
   Positive Thermal Coefficent Diodes
SMD0805P050TF LEIDITECH-SMD0805P050TF Datasheet
802Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
More results

Descripción similar - SMD0805P050TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMD1206 LITTELFUSE-SMD1206 Datasheet
86Kb / 2P
   SMD Type, 6 V - 30 V
SMD1812 LITTELFUSE-SMD1812 Datasheet
85Kb / 2P
   SMD Type, 6 V - 60 V
SMD2920 LITTELFUSE-SMD2920 Datasheet
93Kb / 2P
   POLYFUSE RESETTABLE FUSES SMD Type, 6 V - 60 V
logo
Toshiba Semiconductor
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
   5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
logo
EUROQUARTZ limited
EMV62GT EUROQUARTZ-EMV62GT Datasheet
154Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64GT EUROQUARTZ-EMV64GT Datasheet
156Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV62T EUROQUARTZ-EMV62T Datasheet
148Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64T EUROQUARTZ-EMV64T Datasheet
150Kb / 1P
   HCMOS 6 pad SMD, V Group
logo
Toshiba Semiconductor
TA7805F TOSHIBA-TA7805F_07 Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com