Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74LCX374MTC Datasheet(Hoja de datos) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. 74LCX374MTC
Descripción  Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

   
 3 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
b
05 to a70
V
VI
DC Input Voltage
b
05 to a70
V
VO
DC Output Voltage
b
05 to a70
Output in TRI-STATE
V
b
05 to VCC a 05
Output in High or Low State (Note 2)
V
IIK
DC Input Diode Current
b
50
VI k GND
mA
IOK
DC Output Diode Current
b
50
VO k GND
mA
a
50
VO l VCC
IO
DC Output SourceSink Current
g
50
mA
ICC
DC Supply Current per Supply Pin
g
100
mA
IGND
DC Ground Current per Ground Pin
g
100
mA
TSTG
Storage Temperature
b
65 to a150
C
Note 1
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed The device should not be operated at these
limits The parametric values defined in the ‘‘Electrical Characteristics’’ table are not guaranteed at the Absolute Maximum Ratings The ‘‘Recommended Operating
Conditions’’ table will define the conditions for actual device operation
Note 2
IO Absolute Maximum Rating must be observed
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
20
36
V
Data Retention
15
36
VI
Input Voltage
0
55
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
TRI-STATE
0
55
IOH IOL
Output Current
VCC e 30V–36V
g
24
mA
VCC e 27V
g
12
TA
Free-Air Operating Temperature
b
40
85
C
D
t DV
Input Edge Rate VIN e 08V–20V VCC e 30V
0
10
nsV
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
27 – 36
20
V
VIL
LOW Level Input Voltage
27 – 36
08
V
VOH
HIGH Level Output Voltage
IOH eb100 mA
27 – 36
VCC b 02
V
IOH eb12 mA
27
22
V
IOH eb18 mA
30
24
V
IOH eb24 mA
30
22
V
VOL
LOW Level Output Voltage
IOL e 100 mA
27 – 36
02
V
IOL e 12 mA
27
04
V
IOL e 16 mA
30
04
V
IOL e 24 mA
30
055
V
II
Input Leakage Current
0 s VI s 55V
27 – 36
g
50
m
A
IOZ
TRI-STATE Output Leakage
0 s VO s 55V
27 – 36
g
50
m
A
VI e VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO e 55V
0
10
m
A
ICC
Quiescent Supply Current
VI e VCC or GND
27 – 36
10
m
A
36V s VI VO s 55V
27 – 36
g
10
m
A
D
ICC
Increase in ICC per Input
VIH e VCC b 06V
27 – 36
500
m
A
http
www nationalcom
3




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TC7MA574FKLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LCX273Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs 1 2 National Semiconductor (TI)
TC74LCX273FTLow-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
TC7MZ273FKLow-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA2374FKLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
TC7MZ374FKLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA2574FXLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
TC7MZ574FKLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA374FKLOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA573FXLOW-VOLTAGE OCTAL D-TYPE ALTCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl