Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM9501A Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

No. de pieza SM9501A
Descripción Electrónicos  Radio Controlled Clock Receiver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501A Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM9501A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM9501A Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—9
Crystal Filter Circuit
External crystals are used as filters. Multiple frequencies (40kHz and 60kHz) are supported by connecting
crystals in parallel. The center frequency and bandwidth of the filters is determined by the crystal characteris-
tics. If the center frequency is lower than the target frequency, C
×40 and C×60 can be added to change the res-
onant frequency. And R
×40 and R×60 can be added to adjust the filter Q factor. Internally, pin XO is linked to
pin XI by a phase-inverted signal passed through a capacitor, which cancels the high-frequency components
that pass through the crystal parallel capacitances.
Detector Circuit
The amplified signal is full-wave rectified and passed through a lowpass filter detector. The detector output is
input to peak hold (pin CP) and bottom hold (pin CB) circuits to form the decoder reference potentials and
peak hold potential for AGC control.
Decoder Circuit
The detector output and peak/bottom hold mid-level potential reference are used to decode the time code sig-
nal, which is output on pin OUT. The output is active-LOW, so that the output is LOW when the input ampli-
tude is HIGH.
Standby Function
When PON is open (or HIGH), the device is in standby mode and the current consumption is reduced. Receiver
operation starts when PON goes LOW.
PON
Mode
OUT
Open (or HIGH)
Standby
HIGH
LOW
Operating
Time code
XO
Rx40
Rx60
Cx40
Cx60
40kHz
60kHz
XI
Amplifier
Rectifier
LPF
Peak/
Bottom
Hold
Bottom hold
Peak hold
VSS potential
VSS potential
VSS potential
Bottom hold
Peak hold
Mid-level potential
Decoder
OUT output
VSS potential
LPF waveform
VDD potential
VSS potential
VSS potential
Rectifier
LPF
Peak/
Bottom
Hold


Número de pieza similar - SM9501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
More results

Descripción similar - SM9501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com