Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA1200S24Q1 Datasheet(PDF) 1 Page - ANADIGICS, Inc

No. de pieza ADA1200S24Q1
Descripción Electrónicos  Linear Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA1200S24Q1 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ADA1200S24Q1 Datasheet HTML 1Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 2Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 3Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 4Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 5Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 6Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 7Page - ANADIGICS, Inc ADA1200S24Q1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
05/2003
S24 Package
SOT-89
Figure 1: Block Diagram
ADA1200
Linear Amplifier
ADVANCED PRODUCT INFORMATION - Rev 0.2
FEATURES
50 to 1000 MHz Frequency Range
Input IP3: +24 dBm
Noise Figure: 2.3 dB
• Single +5 V Supply
Small SOT-89 Package
APPLICATIONS
Low Noise Amplifier for CATV Set-Top Boxes
CATV Drop Amplifier
PRODUCT DESCRIPTION
The ADA1200 is a highly linear amplifier developed
to meet the stringent requirements of CATV systems.
Offered in a low cost SOT-89 package, this GaAs
MESFET design offers low noise and low distortion
over a wide range of frequencies. The device is ideally
RF Output
/ Bias
RF Input
suited for applications as a Low Noise Amplifier in
CATV Set-Top Boxes, and as a Drop Amplifier in
CATV distribution systems. The ADA1200 requires
a single +5 V supply, and typically consumes 400
mW of power.


Número de pieza similar - ADA1200S24Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
413Kb / 12P
   Linear Amplifier
ADA1200GS24Q1 ANADIGICS-ADA1200GS24Q1 Datasheet
413Kb / 12P
   Linear Amplifier
ADA1200 ANADIGICS-ADA1200_12 Datasheet
413Kb / 12P
   Linear Amplifier
More results

Descripción similar - ADA1200S24Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFHIC
GLM2723-L RFHIC-GLM2723-L Datasheet
195Kb / 3P
   Linear Amplifier
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200_12 Datasheet
413Kb / 12P
   Linear Amplifier
logo
RFHIC
GLM2123-L RFHIC-GLM2123-L Datasheet
195Kb / 3P
   Linear Amplifier
GLM2523-L RFHIC-GLM2523-L Datasheet
198Kb / 3P
   Linear Amplifier
GLM3623-L RFHIC-GLM3623-L Datasheet
195Kb / 3P
   Linear Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
   LINEAR AMPLIFIER
RF2318 RFMD-RF2318 Datasheet
110Kb / 6P
   LINEAR BROADBAND AMPLIFIER
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com