Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLZ8C Datasheet(PDF) 1 Page - Sensitron

No. de pieza DLZ8C
Descripción Electrónicos  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

DLZ8C Datasheet(HTML) 1 Page - Sensitron

  DLZ8C Datasheet HTML 1Page - Sensitron DLZ8C Datasheet HTML 2Page - Sensitron DLZ8C Datasheet HTML 3Page - Sensitron DLZ8C Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• 221 West Industry Court 3 Deer Park, NY 11729 3 (631) 586 7600, FAX (631) 242 9798 •
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
DLZ5 thru DLZ30
DLZ5A thru DLZ30A
DLZ8C thru DLZ30C
DLZ8CA thru DLZ30CA
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 563, REV. B
Transient Voltage Suppressor
FEATURES:
This series of TVS devices is packaged in a ceramic, dual in-line,
hermetically sealed package. These components offer 15 protective devices
per package; unidirectional or bidirectional, common buss connections. The
dual in-line is designed specifically for data line protection, at the PC board
level. TTL and MOS voltages are available for protection of input/output
data circuits.
♦ Unidirectional or Bidirectional
♦ Mil-Std-461 compatible
♦ 1300W peak pulse power (8/20µs)
♦ ESD protection > 40KV
♦ Multiple TVS Array
♦ Dual In-Line, 16 PIN Hermetic Package
♦ µP / mP Compatible Package
♦ Voltage Range of 5V to 30V Available
♦ Common Buss Configuration
♦ Military Environment Capability
MAXIMUM RATINGS
Rating
Condition
Minimum
Maximum
Units
Peak Pulse Power
Dissipation
@ 25
°, (8x20µs)
-
1300
Watts
Clamping (tclamping)
0 Volts to V(BR)
- Unidirectional
- Bi-directional
-
< 1x10 –12
< 5x10 –9
Seconds
Operating & Storage Temp.
N/A
-55
+ 150
°C
Forward Surge Current
1/120 sec. @ 25
°C
(unidirectional)
-
10
Amps
MECHANICAL CHARACTERISTICS
HERMETICALLY SEALED PACKAGE
CASE: Ceramic, 16 pin dual in-line (.300” row spacing)
POLARITY: Pin No. 1 marked with a flag on lead and a dot on top of package. Body marked with type number.
WEIGHT: 3.5 grams (approx.)
SCREENING:
- Standard Catalog Screening
- Option H1: 100% JANTX Screening
- Option H2: 100% JANTX Screening with Group B testing


Número de pieza similar - DLZ8C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ8C SENSITRON-DLZ8C Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Protek Devices
DLZ8C PROTEC-DLZ8C Datasheet
451Kb / 5P
   High powered multi-line tvs array
logo
Sensitron
DLZ8CA SENSITRON-DLZ8CA Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
More results

Descripción similar - DLZ8C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com