Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6134A Datasheet(PDF) 2 Page - Sensitron

No. de pieza 1N6134A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6134A Datasheet(HTML) 2 Page - Sensitron

  1N6134A Datasheet HTML 1Page - Sensitron 1N6134A Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 287, REV -
MECHANICAL DIMENSIONS: In inches / mm
AXIAL
MELF
500 W
1N6102A - 1N6137A
500 W
1N6102AUS - 1N6137AUS
PACKAGE DIMENSIONS - INCHES / MILLIMETERS
PACKAGE
DIMENSIONS - INCHES / MILLIMETERS
STYLE
φB
φD
G
L
STYLE
A
B
C
D
401
.026/.033
.66/.84
.085/.140
2.16/3.56
.140/.185
3.56/4.70
1.00/1.30
25.4/33.02
MELF-B
.200/.225
5.08/5.72
.019/.028
0.48/0.71
0.003 Min
0.08 Min
.137/.148
3.48/3.76
1N6102A thru
1N6137A
8
8
R = 0.020 Max
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.


Número de pieza similar - 1N6134A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N6134A SEMTECH-1N6134A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6134A MICROSEMI-1N6134A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6134A MICROSEMI-1N6134A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6134A SENSITRON-1N6134A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6134A SENSITRON-1N6134A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Descripción similar - 1N6134A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
ST02-16G1 SHINDENGEN-ST02-16G1 Datasheet
927Kb / 11P
   Transient voltage suppresser
ST02-58G1 SHINDENGEN-ST02-58G1 Datasheet
886Kb / 11P
   Transient voltage suppresser
ST02-14G1 SHINDENGEN-ST02-14G1 Datasheet
926Kb / 11P
   Transient voltage suppresser
ST02-12G1 SHINDENGEN-ST02-12G1 Datasheet
918Kb / 11P
   Transient voltage suppresser
ST02-20G1 SHINDENGEN-ST02-20G1 Datasheet
906Kb / 11P
   Transient voltage suppresser
ST02-47G1 SHINDENGEN-ST02-47G1 Datasheet
914Kb / 11P
   Transient voltage suppresser
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com