Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DVMSA28 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

No. de pieza DVMSA28
Descripción Electrónicos  HIGH RELIABILITY HYBRID EMI FILTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVMSA28 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVMSA28 Datasheet HTML 1Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 2Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 3Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 4Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 5Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 6Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 7Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 8Page - Delta Electronics, Inc. DVMSA28 Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DVMSA28 Series
1X023DSE
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Storage Temperature
-65°C to +150°C
Input Voltage (Transient, 1 second)
80 Volts
Lead Solder Temperature (10 seconds)
300°C
Output Current
0.8 Amps
Weight (Maximum)
11 Grams
Power Dissipation (Full Load, TCASE = +125°C)
0.18 Watts
DVMSA28
Parameter
Conditions
Min
Typ
Max
Units
STATIC
Continuous
0
28
50
V
INPUT
Voltage
2
Transient, 1 sec
-
-
80
V
Current
1,2,3
Continuous
0
-
0.8
A
OUTPUT
Voltage
2
Continuous
VOUT = VIN – (IIN x RDC)
V
Current
2,3
Continuous
0
-
0.8
A
DC RESISTANCE
Continuous
-
-
280
mΩ
POWER DISSIPATION
2
Continuous
-
-
0.18
W
NOISE REJECTION
f = 500 kHz
40
-
-
dB
CAPACITANCE
Pin to Case
10
-
30
nF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
3.15
-
MHrs
Notes: 1. Derate linearly to 0 at 135°C.
2. Verified by qualification testing.
3. Rated current applies at any voltage.
BLOCK DIAGRAM
28V IN
PIN 1
IN COM
PIN 7
28V OUT
PINS 2, 3
OUT COM
PINS 5, 6
PINS 4, 8
CASE
Figure 2


Número de pieza similar - DVMSA28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VPT, Inc.
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28ES VPT-DVMSA28ES Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28H VPT-DVMSA28H Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28HB VPT-DVMSA28HB Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28K VPT-DVMSA28K Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results

Descripción similar - DVMSA28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 ETC-DVMC28 Datasheet
394Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com