Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES29DS800F-12RTG Datasheet(PDF) 1 Page - Excel Semiconductor Inc.

No. de pieza ES29DS800F-12RTG
Descripción Electrónicos  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXCELSEMI [Excel Semiconductor Inc.]
Página de inicio  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS800F-12RTG Datasheet(HTML) 1 Page - Excel Semiconductor Inc.

  ES29DS800F-12RTG Datasheet HTML 1Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 2Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS800F-12RTG Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
ES I
ES I
1
Rev. 2D Jan 5, 2006
ES29LV320D
Excel Semiconductor inc.
ES29LV320D
32Mbit(4M x 8/2M x 16)
CMOS 3.0 Volt-only, Boot Sector Flash Memory
GENERAL FEATURES
• Single power supply operation
- 2.7V -3.6V for read, program and erase operations
•Sector Structure
- 8Kbyte x 8 boot sectors
- 64Kbyte x 63 sectors
- 256byte security sector
• Top or Bottom boot block
- ES29LV320DT for Top boot block device
- ES29LV320DB for Bottom boot block device
• A 256 bytes of extra sector for security code
- Factory lockable
- Customer lockable
• Package Options
- 48-pin TSOP
- Pb-free packages
- All Pb-free products are RoHS-Compliant
• Low Vcc write inhibit
• Manufactured on 0.18um process technology
• Compatible with JEDEC standards
- Pinout and software compatible with single-power
supply flash standard
DEVICE PERFORMANCE
• Read access time
- 90ns/120n for normal Vcc range ( 2.7V - 3.6V )
- 80ns for regulated Vcc range ( 3.0V - 3.6V )
• Program and erase time
- Program time : 9us/byte, 11us/word ( typical )
- Accelerated program time : 8us/word ( typical )
- Sector erase time : 0.7sec/sector ( typical )
• Power consumption (typical values)
- 200nA in standby or automatic sleep mode
- 10 mA active read current at 5 MHz
- 15mA active write current during program or erase
• Minimum 100,000 program/erase cycles per sector
• 20 Year data retention at 125oC
SOFTWARE FEATURES
• Erase Suspend / Erase Resume
• Data# poll and toggle for Program/erase status
• CFI ( Common Flash Interface) supported
• Unlock Bypass program
• Autoselect mode
• Auto-sleep mode after tACC + 30ns
HARDWARE FEATURES
• Hardware reset input pin ( RESET#)
- Provides a hardware reset to device
- Any internal device operation is terminated and the
device returns to read mode by the reset
• Ready/Busy# output pin ( RY/BY#)
- Provides a program or erase operational status
about whether it is finished for read or still being
progressed
• WP#/ACC input pin
- Two outermost boot sectors are protected when
WP# is set to low, regardless of sector protection
- Program speed is accelerated by raising WP#/ACC
to a high voltage (12V)
• Sector protection / unprotection ( RESET# , A9 )
- Hardware method of locking a sector to prevent
any program or erase operation within that sector
- Two methods are provided :
- In-system method by RESET# pin
- A9 high-voltage method for PROM programmers
• Temporary Sector Unprotection ( RESET# )
- Allows temporary unprotection of previously
protected sectors to change data in-system


Número de pieza similar - ES29DS800F-12RTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Excel Semiconductor Inc...
ES29DS800F-70RTG EXCELSEMI-ES29DS800F-70RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS800F-70WCI EXCELSEMI-ES29DS800F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Descripción similar - ES29DS800F-12RTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com