Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH2812S Datasheet(PDF) 5 Page - Interpoint Corporation Company

No. de pieza MCH2812S
Descripción Electrónicos  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2812S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MCH2812S Datasheet HTML 1Page - Interpoint Corporation Company MCH2812S Datasheet HTML 2Page - Interpoint Corporation Company MCH2812S Datasheet HTML 3Page - Interpoint Corporation Company MCH2812S Datasheet HTML 4Page - Interpoint Corporation Company MCH2812S Datasheet HTML 5Page - Interpoint Corporation Company MCH2812S Datasheet HTML 6Page - Interpoint Corporation Company MCH2812S Datasheet HTML 7Page - Interpoint Corporation Company MCH2812S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC CONVERTERS
5
MCH SERIES
1.5 WATT
LOAD TRANSIENT RESPONSE
500
µs / div.
MCH2815D
+VOUT FULL LOAD TO HALF LOAD
+VOUT HALF LOAD TO FULL LOAD
–VOUT FULL LOAD TO HALF LOAD
–VOUT HALF LOAD TO FULL LOAD
VIN
LINE TRANSIENT RESPONSE
200
µs / div.
+VOUT
MCH2815D
–VOUT
12 VDC
50 VDC
VIN
VOUT
TURN-ON INTO FULL LOAD
02
4
6
810
12
14
16
18
TIME (ms)
MCH2805S
Representative of all 5 volt models
FIGURE 9FIGURE 10
FIGURE 11
TYPICAL PERFORMANCE CURVES: Tc = 25°C, full load, Vin = 28 VDC, unless otherwise specified.
FIGURE 3
FIGURE 4
FIGURE 5
FIGURE 6
FIGURE 7
FIGURE 8
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT SINGLE MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT DUAL MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
90
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
ALL 5 VOLT MODELS
12 VOLT
28 VOLT
50 VOLT
1
0
20
40
60
80
100
AUDIO REJECTION
10
60
FREQUENCY (kHz)
MCH2815S - Representative of all models
VIN
LINE TRANSIENT RESPONSE
200
µs / div.
VOUT
MCH2805S
12 VDC
50 VDC
LOAD TRANSIENT RESPONSE
500
µs / div.
MCH2805S
FULL LOAD TO HALF LOAD
HALF LOAD TO FULL LOAD


Número de pieza similar - MCH2812S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crane Aerospace & Elect...
MCH2812S CRANE-MCH2812S Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
MCH2812S/883 CRANE-MCH2812S/883 Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MCH2812S/883 INTERPOINT-MCH2812S/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Descripción similar - MCH2812S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com