Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7348DP Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI7348DP
Descripción Electrónicos  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7348DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7348DP Datasheet HTML 1Page - Vishay Siliconix SI7348DP Datasheet HTML 2Page - Vishay Siliconix SI7348DP Datasheet HTML 3Page - Vishay Siliconix SI7348DP Datasheet HTML 4Page - Vishay Siliconix SI7348DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKt
Package with Low 1.07-mm Profile
D PWM Optimized
APPLICATIONS
D DC/DC conversion High-Side
- Desktop
- Server
D Synchronous Rectification
Si7348DP
Vishay Siliconix
New Product
Document Number: 72129
S-03591—Rev. A, 31-Mar-03
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.0125 @ VGS = 10 V
14
20
0.020 @ VGS = 4.5 V
11
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK
t SO-8
Bottom View
N-Channel MOSFET
G
D
S
Ordering Information: Si7348DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
14
9.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
11
7.0
A
Pulsed Drain Current (10
ms Pulse Width)
IDM
50
A
Continuous Source Current (Diode Conduction)a
IS
3.7
1.6
Maximum Power Dissipationa
TA = 25_C
PD
4.1
1.8
W
Maximum Power Dissipationa
TA = 70_C
PD
2.6
1.1
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
22
30
Maximum Junction-to-Ambienta
Steady State
RthJA
55
70
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
6.4
8.0
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Número de pieza similar - SI7348DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7342DP VISHAY-SI7342DP Datasheet
86Kb / 6P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. D, 14-Feb-11
SI7344DP VISHAY-SI7344DP Datasheet
45Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 31-Mar-03
More results

Descripción similar - SI7348DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com