Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDD20N03L Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza SDD20N03L
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDD20N03L Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDD20N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 5Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 6Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 7Page - SamHop Microelectronics Corp. SDD20N03L Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S DU/D20N03L
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
6
40
10
0.1
1.0
0.4
0.6
0.8
1.0
1.2
1.4
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
-50 -25
0
25
50
75 100 125 150
V DS =V GS
ID=250uA
-50 -25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
40
30
20
10
50
60
0
0
5
10
15
20
V DS =10V
10
8
6
4
2
0
0
4
8
12 16 20
24
28 32
VDS=15V
ID=20A
100
10
1
0.1
0.1
1
10
30
60
VGS =10V
S ingle P ulse
Tc=25 C
R D
S (O
N)
Lim
it
DC
1s
100
ms
10m
s
1m
s
50


Número de pieza similar - SDD20N03L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SDD20N03L VBSEMI-SDD20N03L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - SDD20N03L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com