Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4946 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza 1N4946
Descripción Electrónicos  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4946 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4946 Datasheet HTML 1Page - Pan Jit International Inc. 1N4946 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4942 THRU 1N4948
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE - 200 to 1000 Volts
CURRENT - 1.0 Ampere
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
Void-free Plastic in a DO-41 package
l
1.0 ampere operation at TA=55 ¢J with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4942
1N4944
1N4946
1N4947
1N4948
UNITS
Maximum Recurrent Peak Reverse Voltage
200
400
600
800
1000
V
Maximum RMS Voltage
140
280
420
560
700
V
Maximum DC Blocking Voltage
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) lead length at TA=55 ¢J
1.0
A
Peak Forward Surge Current 8.3ms single half sine
wave superimposed on rated load(JECEC method)
30
A
Maximum Forward Voltage at 1.0A
1.3
V
Maximum Reverse Current TJ=25 ¢J
at Rated DC Blocking Voltage TJ=100 ¢J
5.0
500
£g A
£g A
Typical Junction capacitance (Note 1)
12
PF
Maximum Reverse Recovery Time(Note 2)
150
150
250
250
250
ns
Typical Thermal Resistance (Note 3) R £KJA
41
¢J /W
Operating and Storage Temperature Range
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
3.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted
DO-41


Número de pieza similar - 1N4946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
1N4946 DGNJDZ-1N4946 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Transys Electronics
1N4946 TRSYS-1N4946 Datasheet
162Kb / 3P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Galaxy Semi-Conductor H...
1N4946 BILIN-1N4946 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
Nantong Hornby Electron...
1N4946 HORNBY-1N4946 Datasheet
230Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Descripción similar - 1N4946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1F1 PANJIT-1F1 Datasheet
57Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
PG4942 PANJIT-PG4942 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
logo
Pan Jit International I...
PS100R PANJIT-PS100R Datasheet
59Kb / 2P
   FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PS100RS PANJIT-PS100RS Datasheet
59Kb / 2P
   FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Chenmko Enterprise Co. ...
1N4942GPT CHENMKO-1N4942GPT Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
Microdiode Electronics ...
CD2S CHENDA-CD2S Datasheet
949Kb / 3P
   200 to 1000 Volts Current - 1.0 Ampere
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N4933 SURGE-1N4933 Datasheet
150Kb / 4P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com