Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74GTLPH16945VR Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74GTLPH16945VR
Descripción Electrónicos  16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16945VR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74GTLPH16945VR Datasheet HTML 5Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 6Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 7Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 8Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 9Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 10Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 11Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 12Page - Texas Instruments SN74GTLPH16945VR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN74GTLPH16945
16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SCES292D – OCTOBER 1999 – REVISED NOVEMBER 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISTRIBUTED-LOAD BACKPLANE SWITCHING CHARACTERISTICS
The preceding switching characteristics table shows the switching characteristics of the device into a lumped load
(Figure 1). However, the designer’s backplane application probably is a distributed load. The physical representation
is shown in Figure 2. This backplane, or distributed load, can be approximated closely to a resistor inductance
capacitance (RLC) circuit, as shown in Figure 3. This device has been designed for optimum performance in this RLC
circuit. The following switching characteristics table shows the switching characteristics of the device into the RLC
load, to help the designer better understand the performance of the GTLP device in this typical backplane. See
www.ti.com/sc/gtlp for more information.
Drvr
1.5 V
.25”
2”
1”
1”
1.5 V
1”
1”
2”
.25”
Rcvr
Rcvr
Rcvr
Figure 2. Medium-Drive Test Backplane
Slot 1
Slot 2
Slot 9
Slot 10
Conn.
Conn.
Conn.
Conn.
ZO = 70 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 9 pF
19
LL = 19 nH
Figure 3. Medium-Drive RLC Network
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP†
UNIT
tPLH
A
B
4.3
ns
tPHL
A
B
4.3
ns
ten
OE
B
5
ns
tdis
OE
B
4.4
ns
tr
Rise time, B outputs (20% to 80%)
1
ns
tf
Fall time, B outputs (80% to 20%)
2
ns
† All typical values are at VCC = 3.3 V, TA = 25°C. All values are derived from TI-SPICE models.


Número de pieza similar - SN74GTLPH16945VR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

Descripción similar - SN74GTLPH16945VR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com