Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LTM10C306L Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de Pieza. LTM10C306L
Descripción  LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

LTM10C306L Datasheet(HTML) 5 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(5/10)
1999-10-14 (Ver.3.2)
LTM10C306L
TIMING SPECIFICATION
1)2)3)4)5)6)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Frame Period
t1
778
× t3
-
806
× t3
16.67
860
× t3
17.25
-
ms
Vertical
Display Term
t2
768
× t3
768
× t3
768
× t3
-
One Line Scanning
Time
t3
1319
× t5
20.04
1344
× t5
20.68
1462
× t5
-
-
µs
Horizontal
Display Term
t4
1024
× t5
1024
× t5
1024
× t5
-
Clock Period
t5
15.0
15.38
-
ns
Note 1) Refer to “TIMING CHART” and LVDS (DF90CF364MTD) specifications by National Semiconductor.
Note 2) If ENAB is fixed to "H" or "L" level for certain period while NCLK is supplied, the panel displays black with some
flicker.
Note 3) If NCLK is fixed to "H" or "L" level for certain period while ENAB is supplied, the panel may be damaged.
Note 4) Please adjust LCD operating signal timing and FL driving frequency, to optimize the display quality.
There is a possibility that flicker is observed by the interference of LCD operating signal timing and FL driving
Condition (especially driving frequency ), even if the condition satisfies above timing specifications and
recommended operating conditions shown in 3.
Note 5) Do not make t1,t2 and t3 fluctuate.
If t1,t2 and t3 are fluctuate, the panel displays black.
SEQUENCE OF POWER SUPPLIES AND SIGNALS
DD
NCLK
DATA
ENAB
3.0V
3.0V
0.2V
0.2V
0.2V
DD
500ms(min.)
10ms(max.)
40ms(max.)
10ms(max.)
40ms(max.)
0ms(min.)
0.2 V
V
0ms(min.)
DD
0.2 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn