Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LTM10C306L Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de Pieza. LTM10C306L
Descripción  LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

LTM10C306L Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(1/10)
1999-10-14 (Ver.3.2)
LIQUID CRYSTAL DISPLAY DIVISION
PRODUCT INFORMATION
FEATURES
(1) 10.4”XGA display size for notebook PC
(2) LVDS interface system
(3) Slim(5.5mmMAX) & light weight(265gTYP) design
MECHANICAL SPECIFICATIONS
Item
Specifications
Dimensional Outline (Typ.)
241.5(W) x 171.9(H) x 5.5max(D) mm
Number of Pixels
1024(W) x 768(H) pixels
Active Area
210.432(W) x 157.824(H) mm
Pixel Pitch
0.2055(W) x 0.2055(H)
Weight (approximately)
265g
Backlight
Single CCFL, Sidelight type
ABSOLUTE MAXIMUM RATINGS
Item
Min.
Max.
Unit
(V
DD)-0.3
4.5
V
Supply Voltage
(V
FL)
0
2.0
kV(rms)
FL Driving Frequency
(f
FL)
-
100
kHz
Input Signal Voltage
(V
IN)-0.3
V
DD+0.3
V
Operating Temperature
0
50
°C
Storage Temperature
-20
60
°C
Storage Humidity
10
90
%(RH)
ELECTRICAL SPECIFICATION
Item
Min.
Typ.
Max.
Unit
Remarks
(V
DD)
3.0
3.3
3.6
V
Supply Voltage
(V
FL)
600
650
700
V(rms)
I
FL=2.5 mA(rms)
FL Start Voltage (Ta=0
°C)
1200
---
1600
V(rms)
Receiver Input Voltage
0
---
2.4
V
Differential Input High Threshold(V
TH)*1
---
---
V
OS+0.1
V
Differential Input Low Threshold(V
TL)*1
V
OS-0.1
---
---
V
V
OS:Offset Mode Voltage
V
OS=1.2V
*2 (I
DD)
---
360
---
mA
Current Consumption
*3 (I
FL)
2.0
2.5
5.0
mA(rms)
*2 *3 Power Consumption
---
2.8
---
W
@70cd/m
2
*1 : Refer to DF90CF364 Specification by National Semiconductor Corporation. This LCD module conforms to LVDS
standard (TIA/EIA-644)
*2 : 8 color bars pattern
*3 : Excepting the efficiency FL inverter
*4 : not use Hsync nor Vsync. Only ENAB control.
OPTICAL SPECIFICATION (Ta=25
°C)
Item
Min.
Typ.
Max.
Unit
Remarks
Contrast Ratio
(CR)
100
250
---
---
(t
ON)
---
---
50
ms
Response Time
(t
OFF)
---
---
50
ms
50
70
---
cd/m
2
I
FL=2.5mA(rms)
Luminance
(L)
---
200
---
cd/m
2
I
FL=5mA(rms)
*The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
Toshiba or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Toshiba or others.
*The information contained herein may be changed without prior notice. It is therefore advisable to contact Toshiba before
proceeding with the design of equipment incorporating this product.
26cm COLOUR TFT-LCD MODULE
(10.4 TYPE)
LTM10C306L
(p-Si TFT)
TENTATIVE


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn