Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMK2-67025EV-45SB Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza SMK2-67025EV-45SB
Descripción Electrónicos  Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMK2-67025EV-45SB Datasheet(HTML) 5 Page - ATMEL Corporation

  SMK2-67025EV-45SB Datasheet HTML 1Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 2Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 3Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 4Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 5Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 6Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 7Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 8Page - ATMEL Corporation SMK2-67025EV-45SB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
M67025E
4146J–AERO–06/03
The write pulse to the SLAVE must be inhibited by the MASTER’s maximum arbitration
time. If a conflict then occurs, the write to the SLAVE will be inhibited because of the
MASTER’s BUSY signal.
Semaphore Logic
The M67025E is an extremely fast dual-port 4 Kb
× 16 CMOS static RAM with an additional
locations dedicated to binary semaphore flags. These flags allow either of the processors on the
left or right side of the dual-port RAM to claim priority over the other for functions defined by the
system software. For example, the semaphore flag can be used by one processor to inhibit the
other from accessing a portion of the dual-port RAM or any other shared resource.
The dual-port RAM has a fast access time, and the two ports are completely indepen-
dent of each another. This means that the activity on the left port cannot slow the access
time of the right port. The ports are identical in function to standard CMOS static RAMs
and can be read from, or written to, at the same time with the only possible conflict aris-
ing from simultaneous writing to, or a simultaneous READ/WRITE operation on, a non-
semaphore location. Semaphores are protected against such ambiguous situations and
may be used by the system program to prevent conflicts in the non-semaphore segment
of the dual-port RAM. The devices have an automatic power-down feature controlled by
CS, the dual-port RAM select and SEM, the semaphore enable. The CS and SEM pins control
on-chip-power-down circuitry that permits the port concerned to go into stand-by mode when
not selected. This conditions is shown in Table 1 where CS and SEM are both high.
Systems best able to exploit the M67025E are based around multiple processors or con-
trollers and are typically very high-speed, software controlled or software-intensive
systems. These systems can benefit from the performance enhancement offered by the
M67025 hardware semaphores, which provide a lock-out mechanism without the need
for complex programming.
Software handshaking between processors offers the maximum level of system flexibil-
ity by permitting shared resources to be allocated in varying configurations. The
M67025E does not use its semaphore flags to control any resources through hardware,
thus allowing the system designer total flexibility in system architecture.
An advantage of using semaphores rather than the more usual methods of hardware
arbitration is that neither processor ever incurs wait states. This can prove to be a con-
siderable advantage in very high speed systems.
How The Semaphore
Flags Work
The semaphore logic is a set of eight latches independent of the dual-port RAM. These
latches can be used to pass a flag or token, from one port to the other to indicate that a
shared resource is in use. The semaphore provides the hardware context for the “Token
Passing Allocation’ method of use assignment. This method uses the state of a sema-
phore latch as a token indicating that a shared resource is in use. If the left processor
needs to use a resource, it requests the token by setting the latch. The processor then
verifies that the latch has been set by reading it. If the latch has been set the processor
assumes control over the shared resource. If the latch has not been set, the left proces-
sor has established that the right processor had set the latch first, has the token and is
using the shared resource. The left processor may then either repeatedly query the sta-
tus of the semaphore, or abandon its request for the token and perform another
operation whilst occasionally attempting to gain control of the token through a set and
test operation. Once the right side has relinquished the token the left side will be able to
take control of the shared resource.
The semaphore flags are active low. A token is requested by writing a zero to a sema-
phore latch, and is relinquished again when the same side writes a one to the latch.


Número de pieza similar - SMK2-67025EV-45SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SMK2050CI KODENSHI-SMK2050CI Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK2050CI KODENSHI-SMK2050CI Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK2050CI-1 KODENSHI-SMK2050CI-1 Datasheet
431Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Descripción similar - SMK2-67025EV-45SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com