Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD1530PL Datasheet(Hoja de datos) 4 Page - SamHop Microelectronics Corp.

No. de Pieza. STD1530PL
Descripción  P-Channel E nhancement Mode MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo 

   
 4 page
background image
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
-IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
-V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
15
12
9
6
18
0
0
5
10
15
20
25
3
V DS =-15V
10
1
0.4
0.6
0.8
1.0
1.2
1.4
8
10
6
4
2
0
0
3
6
9
12
15 18
21 24
VDS=-15V
ID=-5.3A
T J=25 C
70
50
10
1
0.03
0.1
1
10 30
60
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC
VGS=-10V
S ingle P ulse
Tc=25 C
4
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=-250uA
S T U/D1530P L
20




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
STS3403P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STU1030PLP-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
SDM4435P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STU2040PLP-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6375P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM4433P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STS3401P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
APM4538KDual Enhancement Mode MOSFET N-and P-Channel 1 2 3 4 5 MoreAnpec Electronics Coropration
ZXM61P02F20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD63C02X20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl