Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM100 Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza SM100
Descripción Electrónicos  RECTIFIER UP YO 10kV, 300mA, 2.5us
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM100 Datasheet(HTML) 3 Page - Semtech Corporation

  SM100 Datasheet HTML 1Page - Semtech Corporation SM100 Datasheet HTML 2Page - Semtech Corporation SM100 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 10kV, 300mA,
2.5µs
SM40
SM50
SM75
SM100
January 7, 1998


Número de pieza similar - SM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MIC GROUP RECTIFIERS
SM100 MIC-SM100 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM100 SPSEMI-SM100 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
List of Unclassifed Man...
SM100.SA ETC2-SM100.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Tripp Lite. All Rights ...
SM1000RM1UTAA TRIPPLITE-SM1000RM1UTAA Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SM1000RM1UTAA-ND TRIPPLITE-SM1000RM1UTAA-ND Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
More results

Descripción similar - SM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
   RECTIFIER UP YO 10kV, 290mA, 300ns
logo
GETAI ELECTRONICS DEVIC...
CL03-10 GETEDZ-CL03-10 Datasheet
80Kb / 1P
   10kV 300mA HIGH VOLTAGE DIODE
CL03-10F GETEDZ-CL03-10F Datasheet
80Kb / 1P
   10kV 300mA HIGH VOLTAGE DIODE
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
   1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB100G GETEDZ-HVQL10MB100G Datasheet
472Kb / 1P
   1.0A 10kV--High Voltage Bridge Rectifier
HVQL20MB100G GETEDZ-HVQL20MB100G Datasheet
472Kb / 1P
   2.0A 10kV--High Voltage Bridge Rectifier
HC10 GETEDZ-HC10_17 Datasheet
529Kb / 2P
   1.0A 10kV-- Glass Passivated Rectifier Assembly
HVQL20MB100D GETEDZ-HVQL20MB100D Datasheet
472Kb / 1P
   2.0A 10kV--High Voltage Bridge Rectifier
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
   Maximum output current up 300mA
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10_17 Datasheet
468Kb / 1P
   0.75A 10kV--High voltage silicon rectifier stack
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com