Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CDRH4D18C Datasheet(PDF) 1 Page - Sumida Corporation

No. de Pieza. CDRH4D18C
Descripción  POWER INDUCTORS (SMD Type)
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo 

CDRH4D18C Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS (SMD Type)
CDRH4D18C
OUTLINE /
CDRH4D18C
DIMENSIONS (mm)
/ インダクタンス測定周波数(L)
Measuring Freq. (L)
CDRH4D18C 100 kHz
/ インダクタンス公差
Tolerance of Inductance
CDRH4D18C
外形寸法図
磁気構造図
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
CONSTRUCTION
概要
概要
概要
SHIELDED TYPE / 開磁路タイプ
LAND PATTERNS (mm)
推奨ランド寸法
1.1µ H – 100 µH ± 25%
CDRH4D18C
Parts No. L (H)
D.C.R.( Ω ) :
Max.(Typ.)
Temperature
Rise Rated
Current (A) * 3
SMD type power inductors where by the electrode is attached to the ferrite core directly.
They are also magnetically shielded to prevent noise radiation.
特殊処理の電極をコアに直接取り付けた面実装パワーインダクタです。外部幅射を考慮した閉時タイプです。
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
/ 無鉛製品について
About Lead-free products
. Lead-free products are now available for sale
. To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g.
△△△○×
Ordering code of lead-free product: Type name NP△△△○×
.
.
Ordering code of lead product: Type name-
*3 直流重畳特性において、定格電流を流した時、インダクタンスが公称インダクタンスの65%以上
となる電流値もしくは、コイ ルの発熱がΔT=40℃以下となる電流のどちらか少ない方の値とする。
(Ta=20℃)
/ 定格電流とは
Rated Current
*3
It is either the inductance is 35% lower than its nominal value in D.C. saturation characteristics
∆T=40°C(Ta=20°C), whichever is lower.
or temperature raise becomes
1R1
2R2
2R7
3R0
3R3
3R9
4R7
5R6
6R3
6R8
8R2
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
1.1
2.2
2.7
3.0
3.3
3.9
4.7
5.6
6.3
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
2.4
1.7
1.5
1.15
1.05
830m
700m
600m
460m
410m
305m
250m
µ
µ
29m( 23m)
39m( 31m)
61m( 49m)
110m( 88m)
125m(100m)
156m(125m)
194m(155m)
323m(258m)
550m(440m)
783m(626m)
1.16(925m)
1.51( 1.21)
µ
1R0
1.0
( 1.1µH - 100µH )
5.1MAX.
2.0MAX.


Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CDEP105POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH124POWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP134POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D22POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH125POWER INDUCTORS SMD Type 1 Sumida Corporation
CR32POWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP147POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D28CPOWER INDUCTORS SMD Type 1 Sumida Corporation
CEI122POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH5D18POWER INDUCTORS SMD Type 1 Sumida Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn