Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CDRH4D22 Datasheet(PDF) 1 Page - Sumida Corporation

No. de Pieza. CDRH4D22
Descripción  POWER INDUCTORS (SMD Type)
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH4D22 Hoja de datos HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS (SMD Type)
CDRH4D22
OUTLINE /
CDRH4D22
DIMENSIONS (mm)
/ インダクタンス測定周波数(L)
Measuring Freq. (L)
CDRH4D22
100 kHz
/ インダクタンス公差
Tolerance of Inductance
CDRH4D22
外形寸法図
磁気構造図
CONSTRUCTION
/ 無鉛製品について
About Lead-free products
. Lead-free products are now available for sale
. To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g.
△△△○×
Ordering code of lead-free product: Type name NP△△△○×
.
.
Ordering code of lead product: Type name-
概要
概要
概要
SHIELDED TYPE / 閉磁路タイプ
LAND PATTERNS (mm)
推奨ランド寸法
1.5 µH – 150µH ± 30%(N)
* IV
する。(Ta=20℃)
* IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes
∆T=40 C. (Ta=20
°
°C)
*C Saturation Rated Current : The current when the inductance becomes 35% lower than its
nominal value. (Ta=20°C)
/ その他
Other
CDRH4D22
Parts No. L (H)
D.C.R.( Ω ) :
Max.(Typ.)
Saturation
Rated Current
(A) *C
20°c
100°c
温度上昇実力電流:直流電流を流した時、
コイルの温度上昇がΔT=40℃となる電流の実力値と
SMD type power inductors where by the electrode is attached to the ferrite core directly.
They are also magnetically shielded to prevent noise radiation.
特殊処理の電極をコアに直接取り付けた面実装パワーインダクタです。外部幅射を考慮した閉時タイプです。
*C 直流重畳許容電流:直流重畳許容電流を流した時、
インダクタンスが公称インダクタンスの65%以
上となる電流値とする。(Ta=20℃)
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
1R0
1R1
1R2
1R5
1R8
2R0
2R2
2R3
2R7
3R2
3R3
3R9
4R7
5R6
6R3
6R8
8R2
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
1.0
1.1
1.2
1.5
1.8
2.0
2.2
2.3
2.7
3.2
3.3
3.9
4.7
5.6
6.3
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
µ
µ
µ
µ
µ
( 1.5µH - 150µH )
4.5
2.4MAX.
5.0MAX.
5.3
2.00
1.90
1.80
1.40
1.30
1.10
1.05
1.00
900m
800m
750m
680m
600m
540m
510m
480m
430m
380m
360m
330m
300m
250m
230m
210m
1.60
1.50
1.40
1.10
1.00
900m
850m
750m
650m
600m
550m
500m
430m
410m
380m
350m
320m
300m
280m
250m
220m
200m
180m
170m
4.20
3.70
3.60
3.07
3.04
2.08
2.05
1.95
1.85
1.82
1.80
1.59
1.41
1.32
1.04
1.02
850m
820m
720m
670m
580m
550m
520m
470m
18.3m( 14.1m)
21.6m( 16.6m)
25.4m( 19.5m)
35.1m( 27.0m)
40.2m( 30.9m)
55.9m( 43.0m)
62.0m( 47.7m)
88.0m( 67.7m)
96.5m( 74.2m)
102.4m( 78.8m)
110.4m( 84.9m)
127.4m( 98.0m)
168.7m(129.8m)
199.7m(153.6m)
282.5m(217.3m)
325.8m(250.6m)
451.2m(347.1m)
500.4m(384.9m)
555.4m(427.2m)
634.1m(487.8m)
794.6m(608.9m)
880m(670 m)
1.14(880 m)
1.35(
1.04)
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
E-mail: sales@jp.sumida.com
Temperature
Rise Current
(Typ.)(A) * IV


Html Pages

1 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CDEP105POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH124POWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP134POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D18CPOWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH125POWER INDUCTORS SMD Type 1 Sumida Corporation
CR32POWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP147POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D28CPOWER INDUCTORS SMD Type 1 Sumida Corporation
CEI122POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH5D18POWER INDUCTORS SMD Type 1 Sumida Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn