Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CDRH125 Datasheet(PDF) 1 Page - Sumida Corporation

No. de Pieza. CDRH125
Descripción  POWER INDUCTORS (SMD Type)
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH125 Hoja de datos HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS (SMD Type)
CDRH125
OUTLINE /
CDRH125
DIMENSIONS (mm)
/ インダクタンス測定周波数(L)
Measuring Freq. (L)
CDRH125
/ インダクタンス公差
Tolerance of Inductance
CDRH125
外形寸法図
磁気構造図
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
CONSTRUCTION
概要
概要
概要
SHIELDED TYPE / 開磁路タイプ
LAND PATTERNS (mm)
推奨ランド寸法
CDRH125
Parts No. L (H)
D.C.R.( Ω ) :
Max.(Typ.)
Temperature
Rise Rated
Current (A) * 5
SMD type power inductors where by the electrode is attached to the ferrite core directly.
They are also magnetically shielded to prevent noise radiation.
特殊処理の電極をコアに直接取り付けた面実装パワーインダクタです。外部幅射を考慮した閉時タイプです。
/ 無鉛製品について
About Lead-free products
. Lead-free products are now available for sale
. To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g.
△△△○×
Ordering code of lead-free product: Type name NP△△△○×
.
.
Ordering code of lead product: Type name-
とする。(Ta=20℃)
/ 定格電流とは
Rated Current
*5 直流重畳特性において、定格電流を流した時、インダクタンスが公称インダクタンスの75%以上
となる電流値もしくは、コイルの発熱がΔT=40℃以下となる電流のどちらか少ない方の値
*5
It is either the inductance is 25% lower than its nominal value in D.C. saturation characteristics
or temperature raise becomes
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
1R0
1R2
1R3
2R1
2R4
3R1
3R5
3R9
4R4
4R6
4R7
5R8
6R1
6R8
7R4
7R5
7R6
8R2
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
1.0
1.2
1.3
2.1
2.4
3.1
3.5
3.9
4.4
4.6
4.7
5.8
6.1
6.8
7.4
7.5
7.6
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1.0m
µ
µ
µ
µ
µ
µ
µ
µ
µ
∆T=40 °C (Ta=20°C), whichever is lower.
8.00
7.00
6.00
5.00
4.40
4.20
4.00
3.50
3.30
3.00
2.80
2.30
2.10
2.00
1.80
1.70
1.50
1.40
1.30
1.10
1.00
900m
800m
750m
680m
650m
580m
540m
480m
430m
400m
12m( 9m)
14m( 11m)
17m( 13m)
20m( 16m)
21m( 17m)
24m( 19m)
25m( 19m)
27m( 21m)
30m( 23m)
34m( 26m)
36m( 28m)
51m( 39m)
57m( 44m)
68m( 52m)
75m( 58m)
110m( 84m)
120m( 93m)
140m(110m)
160m(120m)
170m(130m)
230m(180m)
290m(220m)
400m(310m)
460m(350m)
510m(390m)
690m(530m)
770m(590m)
860m(660m)
1.20(920m)
1.34( 1.03)
1.53( 1.18)
1.3 µH – 7.5 µH (7.96MHz), 10 µH – 1.0mH (1kHz)
1.3 µH – 7.5 µH + 30% (N) / – 20% (M), 10 µH – 1.0mH ± 20% (M)
( 1.3µH - 1.0mH )
5.0
6.0MAX.
0.2
12.3MAX.
5.4
0.5
Outline
Solder Resist
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、ソルダレジスト推奨


Html Pages

1 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CDEP105POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH105RPOWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP134POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D18CPOWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH124POWER INDUCTORS SMD Type 1 Sumida Corporation
CR32POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D22POWER INDUCTORS SMD Type 1 Sumida Corporation
CDEP147POWER INDUCTORS SMD Type 1 Sumida Corporation
CEI122POWER INDUCTORS SMD Type 1 Sumida Corporation
CDRH4D28CPOWER INDUCTORS SMD Type 1 Sumida Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn