Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH200-24C Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

No. de pieza SMH200-24C
Descripción Electrónicos  2.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEONHO [YEONHO ELECTRONICS]
Página de inicio  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

SMH200-24C Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  SMH200-24C Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00mm (0.079")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
1
PA66, UL 94V Grade
SMH200-NNC
HOUSING
PARTS NO.
A
D
C
B
Material
SMH200-NNC
Wire-to-Board
Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
-
Applicable Wire
AWG #22~#28
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
E108706
AC/DC 3A
-25℃~+85℃
Specification
Available Pin
SMH200 - 28C
SMH200 - 30C
SMH200 - 32C
SMH200 - 26C
SMH200 - 14C
SMH200 - 16C
SMH200 - 18C
SMH200 - 20C
SMH200 - 22C
SMH200 - 24C
28.7
30.7
32.7
29.7
33.7
31.7
26.0
30.0
28.0
18.7
20.7
14.7
16.7
24.7
26.7
22.7
21.7
23.7
25.7
27.7
19.7
17.7
15.7
24.0
22.0
20.0
18.0
16.0
12.0
14.0
16.0
16.0
16.0
16.0
16.0
16.0
16.0
14.0
12.0
10.0
SMH200 - 12C
12.7
13.7
10.0
8.0
SMH200 - 10C
10.7
11.7
8.0
6.0
SMH200 - 34C
SMH200 - 40C
SMH200 - 38C
SMH200 - 36C
39.7
41.7
35.7
37.7
16.0
36.0
38.7
38.0
40.7
16.0
32.0
34.0
34.7
36.7
16.0
16.0
Application Terminal : YST200-C (104 page)
AWG : #22 ~ #28
TERMINAL ASSEMBLY DRAWING
A
D
B
3.15
(5.6)
9.25
2.0(PITCH)
C
0.8


Número de pieza similar - SMH200-24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YEONHO ELECTRONICS
SMH200-24D YEONHO-SMH200-24D Datasheet
285Kb / 1P
   2.00mm PITCH CONNECTOR
More results

Descripción similar - SMH200-24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YEONHO ELECTRONICS
20039WS YEONHO-20039WS Datasheet
263Kb / 1P
   2.00mm PITCH CONNECTOR
YVAW200 YEONHO-YVAW200 Datasheet
137Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200 YEONHO-YCH200 Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
20015HS-NNL YEONHO-20015HS-NNL Datasheet
158Kb / 1P
   2.00mm PITCH CONNECTOR
BMW200 YEONHO-BMW200 Datasheet
237Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200A YEONHO-SMAW200A Datasheet
288Kb / 1P
   2.00mm PITCH CONNECTOR
YDH200 YEONHO-YDH200 Datasheet
215Kb / 1P
   2.00mm PITCH CONNECTOR
20032WR YEONHO-20032WR Datasheet
224Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR YEONHO-20037WR Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20039WR YEONHO-20039WR Datasheet
261Kb / 1P
   2.00mm PITCH CONNECTOR
20045HS YEONHO-20045HS Datasheet
196Kb / 1P
   2.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com