Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2021-25 Datasheet(PDF) 1 Page - GHz Technology

No. de pieza 2021-25
Descripción Electrónicos  25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GHZTECH [GHz Technology]
Página de inicio  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

2021-25 Datasheet(HTML) 1 Page - GHz Technology

  2021-25 Datasheet HTML 1Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2021-25
25 Watts, 24 Volts, Class C
Microwave 2000 - 2130 MHz
GENERAL DESCRIPTION
The 2021-25 is a COMMON BASE transistor capable of providing 25 Watts,
Class C output power over the band 2000-2130 MHz. The transistor includes
input and output prematching for full Broadband capability. Gold
metalization and diffused ballasting are used to provide high reliability and
supreme ruggedness. The transistor uses a fully hermetic High Temperature
Solder Sealed package.
CASE OUTLINE
55AW, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
58 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
40 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
3.0 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηc
VSWR1
Power Out
Power Input
Power Gain
Efficiency
Load Mismatch Tolerance
F = 2000-2100 MHz
Vcc = 24 Volts
Pout = 25 Watts
25
7.0
50
5.0
3:1
Watts
Watts
dB
%
BVces
BVebo
Hfe
Cob
θjc
Collector to Base Breakdown
Emitter to Base Breakdown
Current Gain
Output Capacitance*
Thermal Resistance
Ic = 10 mA
Ie = 5 mA
Vce = 5V, Ic=1 A
Tc = 25 C
o
40
3.5
20
120
3.0
Volts
Volts
pF
C/W
o
* Not measureable due to internal prematch network
August 1996


Número de pieza similar - 2021-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Data Delay Devices, Inc...
2021-250 DATADELAY-2021-250 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
More results

Descripción similar - 2021-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GHz Technology
2223-17 GHZTECH-2223-17 Datasheet
249Kb / 3P
   1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
2225-4L GHZTECH-2225-4L Datasheet
79Kb / 2P
   3.5 Watts, 24 Volts, Class C Microwave 2200-2500 MHz
2324-20 GHZTECH-2324-20 Datasheet
322Kb / 3P
   20 Watts, 24 Volts, Class C Microwave 2300-2400 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
   1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
   10 Watt - 28 Volts, Class C Microwave 2000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
   5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2307 GHZTECH-2307 Datasheet
271Kb / 4P
   7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
   3 Watts - 28 Volts, Class C Microwave 3000 MHz
2304 GHZTECH-2304 Datasheet
218Kb / 4P
   4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3005 GHZTECH-3005 Datasheet
337Kb / 3P
   5 Watts - 28 Volts, Class C Microwave 3000 MHz
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com