Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1169 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza SD1169
Descripción Electrónicos  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1169 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1169 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100mA
18
V
BVCEO
IC = 50mA
36
V
BVEBO
IE = 10mA
4.0
V
ICBO
VCB = 15 V
5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
5
---
COB
VCB = 12.5 V
f = 1.0 MHz
200
pF
GPE
η
η
C
VCE = 12.5 V
POUT = 40 W
f = 88 MHz
6.0
7.5
65
dB
%
NPN SILICON RF POWER TRANSISTOR
SD1169
DESCRIPTION:
The
ASI SD1169 is a Common
Emitter Device Designed for Class C
Amplifier Applications in HF Land
Mobile Radios.
FEATURES INCLUDE:
• Aluminum Metalization
• Emitter Ballasting
MAXIMUM RATINGS
IC
6 A
VCB
36 V
PDISS
80 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
2.2
OC/W
PACKAGE STYLE .500 4L STUD
1 = COLLECTOR
2 & 4 = EMITTER
3 = BASE


Número de pieza similar - SD1169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
SD11 DAESAN-SD11 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
   QC-SMA PLUG TO SMA JACK ADAPTER
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
94Kb / 2P
   N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE D MOS POWER FETS
logo
DB Lectro Inc
SD1100 DBLECTRO-SD1100 Datasheet
450Kb / 2P
   Provides transparent RS422/485 serial cable replacement
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
   Bluetooth-serial adapter
More results

Descripción similar - SD1169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com