Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HDD16M72D9RPW Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

No. de pieza HDD16M72D9RPW
Descripción Electrónicos  DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HANBIT [Hanbit Electronics Co.,Ltd]
Página de inicio  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD16M72D9RPW Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HDD16M72D9RPW Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD16M72D9RPW Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HANBit
HDD16M72D9RPW
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 1.0 (November.2002)
INPUT/OUTPUT Capacitance
(VDD = 2.5V, VDDQ = 2.5V, TA = 25° C, F = 1MHZ)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance(A0 ~ A12, BA0 ~ BA1,RAS,CAS, WE )
CIN1
49
57
pF
Input Capacitance(CKE0)
CIN2
42
50
pF
Input Capacitance( CS0)
CIN3
42
50
pF
Input Capacitance( CLK0, CLK1,CLK2 )
CIN4
22
25
pF
Data & DQS input/output Capacitance(DQ0~DQ63)
COUT1
6
8
pF
Input Capacitance(DM0~DM8)
CIN5
6
8
pF
AC Operating Conditions
PARAMETER/ Condition
STMBOL
MIN
MAX
UNIT
NOTE
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH (AC)
VREF + 0.31
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL (AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID (AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX (AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of V IX is expected to equal 0.5* VDDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simulation.
the AC and DC input specificatims are refation to a VREF envelope that has been bandwidth limited 20MHz.
AC Operating TEST Conditions
PARAMETER
VALUE
UNIT
NOTE
Input reference voltage for Clock
0.5 * VDDQ
V
Input signal maximum peak swing
1.5
V
Input signal minimum slew rate
0.5
V/ns
Input Levels(VIH/VIL)
VREF+0.31/VREF-0.31
V
Input timing measurement reference level
VREF
V
Output timing measurement reference level
VTT
V
Output load condition
See Load Circuit
V


Número de pieza similar - HDD16M72D9RPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hanbit Electronics Co.,...
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HDD16M72D9W-10A HANBIT-HDD16M72D9W-10A Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HDD16M72D9W-13A HANBIT-HDD16M72D9W-13A Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HDD16M72D9W-13B HANBIT-HDD16M72D9W-13B Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
More results

Descripción similar - HDD16M72D9RPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hanbit Electronics Co.,...
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com