Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD3541PGK-011 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

No. de pieza LD3541PGK-011
Descripción Electrónicos  Low-Cost Digital Linescan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERKINELMER [PerkinElmer Optoelectronics]
Página de inicio  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LD3541PGK-011 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  LD3541PGK-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3541PGK-011 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.perkinelmer.com/opto
Digital Linescan Camera
www.perkinelmer.com/opto
PDP-206.01B - 7/2002W Page 5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
19
18
36
Registration Slot
0.126
x 0.09 deep x 0.150 long
2.50
(63.50)
Measurements in inches (Millimeters)
Front View
Registration Hole
0.156
x 0.09 deep
2.50
(63.50)
Registration Hole
0.126
x 0.09 deep
Pixel 1
Figure 4. Outline Drawings
Side View
1.25
(31.75)
1.25
(31.25)
3.20
(31.28)
2.50
(63.50)
CameraLink
Connector
MDR26
Power
Connector
HR10A
Rear View
CameraLink
Rear View
Parallel LVDS
MDR36
Connector
Power
Connector
HR10A
2.50
(63.50)
2.50
(63.50)
2.50
(63.50)
+002
-000
+002
-000
+002
-000
Registration Hole
0.156
x 0.09 deep
+002
-000
Table 3. LD3500 Camera Specifications
Camera Characteristics
Value
Number of Active Pixels
512, 1024, or 2048
Pixel Size
14µm x 14µm
Spectral Response
250-1000 nm
Sensor Window
Glass
Exposure Control
Yes
Antiblooming
Yes
Camera Operation Features
Number of Outputs
1
Communications Protocol
CameraLink (LD35xxPGK-011)
Parallel LVDS (LD35xxPGL-011)
Output Depth
8 bit
Adjustable Gain Range
0 to 24.5 dB (LD35xxPGK-011)
1, 2, 4, 8X (LD352xPGL-011)
PRNU
+/-10%
Dynamic Range
250:1
Maximum Output Rate
20 MHz (LD352xPGx-011)
40 MHz (LD354xPGK-011)
Lens Mount
U Mount
Temperature Requirements
Operating Temperature
-20 to 55 C
Storage Temperature
-40 to 80 C
Power Requirements
Input voltage
12 to 24 VDC
Camera Characteristics
Value


Número de pieza similar - LD3541PGK-011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
More results

Descripción similar - LD3541PGK-011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com