Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6582 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMH6582
Descripción Electrónicos  16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6582 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6582 Datasheet HTML 1Page - National Semiconductor (TI) LMH6582 Datasheet HTML 2Page - National Semiconductor (TI) LMH6582 Datasheet HTML 3Page - National Semiconductor (TI) LMH6582 Datasheet HTML 4Page - National Semiconductor (TI) LMH6582 Datasheet HTML 5Page - National Semiconductor (TI) LMH6582 Datasheet HTML 6Page - National Semiconductor (TI) LMH6582 Datasheet HTML 7Page - National Semiconductor (TI) LMH6582 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
±5V Electrical Characteristics (Note 2) (Continued)
Unless otherwise specified, typical conditions are: T
A= 25˚C, AV = +2, VS = ±5V, RL = 100
Ω; Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
PSRR
Power Supply Rejection Ratio
46
dB
I
S
Supply Current
R
L =
110
mA
Tri State Supply Current
TRI pin > 2.0V
25
mA
Miscellaneous Performance
R
IN
Input Resistance
Non-Inverting
M
C
IN
Input Capacitance
Non-Inverting
pF
R
O
Output Resistance
Closed Loop
m
CMVR
Input Common ModeVoltage
Range
±3.0
V
I
O
Output Current
Sourcing, V
O =0V
±60
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: Electrical Table typical values apply only for the conditions indicated. See Note 8 for limit specifications.
Note 3: The maximum output current (IOUT) is determined by device power dissipation limitations.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is P D=
(TJ(MAX) —TA)/ θJA. All numbers apply for package soldered directly into a 2 layer PC board with zero air flow.
Note 5: Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
Note 6: Slew Rate is the average of the rising and falling edges.
Note 7: Typical numbers are the most likely parametric norm.
Note 8: Room Temperature limits are 100% production tested at 25˚C. Factory testing conditions result in very limited self-heating of the device such that TJ =TA.
Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control (SQC) methods.
Note 9: Negative input current implies current flowing out of the device.
Note 10: Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
Note 11: Parameter is guaranteed by design.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
64–Pin QFP
LMH6582YA
LMH6582YA
xx Units
VXE64A
LMH6583YA
LMH6583YA
xx Units
www.national.com
3


Número de pieza similar - LMH6582

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6582YA NSC-LMH6582YA Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
More results

Descripción similar - LMH6582

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com